Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSMD3N25 Datasheet(PDF) 8 Page - Kersemi Electronic Co., Ltd.

Part # KSMD3N25
Description  250V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

KSMD3N25 Datasheet(HTML) 8 Page - Kersemi Electronic Co., Ltd.

  KSMD3N25 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. KSMD3N25 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. KSMD3N25 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. KSMD3N25 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. KSMD3N25 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. KSMD3N25 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. KSMD3N25 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. KSMD3N25 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Package Dimensions (Continued)
6.60
±0.20
0.76
±0.10
MAX0.96
2.30TYP
[2.30
±0.20]
2.30TYP
[2.30
±0.20]
5.34
±0.20
0.50
±0.10
0.50
±0.10
2.30
±0.20
(0.50)
(0.50)
(4.34)
IPAK
KSMD3N25 / KSMU3N25
2014-7-19
8
www.kersemi.com


Similar Part No. - KSMD3N25

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSMD3N30 KERSEMI-KSMD3N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
KSMD3N40 KERSEMI-KSMD3N40 Datasheet
1Mb / 8P
   400V N-CHANNEL MOSFET
KSMD3N50C KERSEMI-KSMD3N50C Datasheet
1Mb / 8P
   500V N-Channel MOSFET
KSMD3N60 KERSEMI-KSMD3N60 Datasheet
712Kb / 4P
   Excellent package for good heat dissipation.
KSMD3N60C KERSEMI-KSMD3N60C Datasheet
1Mb / 7P
   600V N-Channel MOSFET
More results

Similar Description - KSMD3N25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
   250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
   250V N-Channel MOSFET
FQPF8N25 FAIRCHILD-FQPF8N25 Datasheet
623Kb / 8P
   250V N-Channel MOSFET
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
   250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
   250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
   250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
   250V N-Channel MOSFET
IRFW634B FAIRCHILD-IRFW634B Datasheet
649Kb / 9P
   250V N-Channel MOSFET
IRFW644B FAIRCHILD-IRFW644B Datasheet
685Kb / 9P
   250V N-Channel MOSFET
IRF614B FAIRCHILD-IRF614B Datasheet
855Kb / 10P
   250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
   250V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com