Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSMD7N30 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # KSMD7N30
Description  300V N-CHANNEL MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

KSMD7N30 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  KSMD7N30 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. KSMD7N30 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. KSMD7N30 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. KSMD7N30 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. KSMD7N30 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. KSMD7N30 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. KSMD7N30 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. KSMD7N30 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 
 
          
    
   
!   "   
#    !   
         
!   ! 
        $ !
  

% & &'())*+,) -Ω.*,/)*
% 0 1 /(2
% 01 /32
%  
% /))4! 
% 5!!$ " 
  
    
   


*
 * 
())
*
5

1,3&62
& &
'
1,/))62
( 78
'
5

9 
 
33
'
*
: * 
±()
*
;
 9 '! ;
 
(8)
<
5
'! 
 
& &
'
;
+!'! ;
 
& )
<
!$
9=+ !!$
 
7 &
*$
9
91,3&62>
3 &
?
91,3&62
&)
?
"!3&6
) 7
?$6
 
+
&&@/&)
6

A  
/$8 & 
())
6





+θ 
 + < 

3 &
6?
 + < '">

&)
6?
 + < '"

//)
6?
       
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"



TO-252
TO-251
KSMD7N30 / KSMU7N30
KSMD7N30 / KSMU7N30
Units
2014-7-18
1
www.kersemi.com
Kersemi proprietary,


Similar Part No. - KSMD7N30

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSMD7N10 KERSEMI-KSMD7N10 Datasheet
1Mb / 8P
   100V N-Channel MOSFET
KSMD7N10L KERSEMI-KSMD7N10L Datasheet
1Mb / 8P
   100V LOGIC N-Channel MOSFET
KSMD7N20 KERSEMI-KSMD7N20 Datasheet
1Mb / 8P
   200V N-Channel MOSFET
KSMD7N20L KERSEMI-KSMD7N20L Datasheet
1Mb / 8P
   200V LOGIC N-Channel MOSFET
KSMD7N60 KERSEMI-KSMD7N60 Datasheet
728Kb / 4P
   Excellent package for good heat dissipation.
More results

Similar Description - KSMD7N30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB9N30 FAIRCHILD-FQB9N30 Datasheet
647Kb / 9P
   300V N-Channel MOSFET
FDP46N30 FAIRCHILD-FDP46N30 Datasheet
697Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU5N30 KERSEMI-KSMU5N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQPF5N30 FAIRCHILD-FQPF5N30 Datasheet
763Kb / 8P
   300V N-Channel MOSFET
FQP5N30 FAIRCHILD-FQP5N30 Datasheet
754Kb / 8P
   300V N-Channel MOSFET
FQB5N30 FAIRCHILD-FQB5N30 Datasheet
770Kb / 9P
   300V N-Channel MOSFET
FQPF14N30 FAIRCHILD-FQPF14N30 Datasheet
717Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N30 KERSEMI-KSMD2N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQP3N30 FAIRCHILD-FQP3N30 Datasheet
708Kb / 8P
   300V N-Channel MOSFET
FQA26N30 FAIRCHILD-FQA26N30 Datasheet
702Kb / 8P
   300V N-Channel MOSFET
FQA44N30 FAIRCHILD-FQA44N30 Datasheet
745Kb / 8P
   300V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com