Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856526 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856526
Description  810 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856526 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856526_15 Datasheet HTML 1Page - TriQuint Semiconductor 856526_15 Datasheet HTML 2Page - TriQuint Semiconductor 856526_15 Datasheet HTML 3Page - TriQuint Semiconductor 856526_15 Datasheet HTML 4Page - TriQuint Semiconductor 856526_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet
Part Number 856526
810 MHz SAW Filter
Subject to change or obsolescence without notice
Rev A
06/08
© TriQuint Semiconductor
Page 2 of 5
Electrical Specifications
(1)
Operating Temperature Range:
(2)
-40 to +85
°C
Parameter
(3)
Minimum
Typical
(4)
Maximum
Unit
Center Frequency
-
810
-
MHz
Maximum Insertion Loss
805 - 815 MHz
-
3.5
5.0
dB
Amplitude Ripple
(5)
805 - 815 MHz
-
0.7
2.0
dB
Group Delay Variation
805 - 815 MHz
-
40
150
ns
Absolute Attenuation
10 - 760 MHz
760 - 790 MHz
790 - 792 MHz
792 - 794.5 MHz
825.5 - 828 MHz
828 - 830 MHz
830 - 860 MHz
860 - 1300 MHz
50
30
20
10
10
20
30
50
58
47
42
30
30
40
47
56
-
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
dB
Source Impedance (single-ended)
(6)
Load Impedance (single-ended)
(6)
-
-
50
50
-
-
Notes:
1. All specifications are based on the TriQuint test circuit shown below
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4. Typical values are based on average measurements at room temperature
5. Amplitude ripple is defined as the worst case difference between the peak and adjacent valley within the defined frequency points
6. This is the optimum impedance in order to achieve the performance shown
Test Circuit:
Actual matching values may vary due to PCB layout and parasitics
50
Single-ended
Input
No impedance matching
required
1,3,4,6
2
5
50
50
50
Single-ended
Output
No impedance matching
required


Similar Part No. - 856526_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856528 TRIQUINT-856528 Datasheet
580Kb / 5P
   942.5 MHz SAW Filter
856528 TRIQUINT-856528_15 Datasheet
580Kb / 5P
   942.5 MHz SAW Filter
More results

Similar Description - 856526_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856534 TRIQUINT-856534_15 Datasheet
386Kb / 5P
   810 MHz SAW Filter
857191 TRIQUINT-857191_15 Datasheet
390Kb / 5P
   810 MHz SAW Filter
855896 TRIQUINT-855896 Datasheet
554Kb / 5P
   810 MHz SAW Filter
855896 TRIQUINT-855896_15 Datasheet
555Kb / 5P
   810 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1585A TAI-SAW-TA1585A Datasheet
195Kb / 8P
   SAW Filter 810 MHz
TA0438A TAI-SAW-TA0438A Datasheet
270Kb / 6P
   SAW Filter 810 MHz SMD 3.0횞3.0mm
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com