Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856532 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # 856532
Description  1950 MHz SAW Bandpass Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856532 Datasheet(HTML) 6 Page - TriQuint Semiconductor

  856532 Datasheet HTML 1Page - TriQuint Semiconductor 856532 Datasheet HTML 2Page - TriQuint Semiconductor 856532 Datasheet HTML 3Page - TriQuint Semiconductor 856532 Datasheet HTML 4Page - TriQuint Semiconductor 856532 Datasheet HTML 5Page - TriQuint Semiconductor 856532 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
856532
1950 MHz SAW Bandpass Filter
Data Sheet: Rev D 04-01-15
-
6 of 6 -
Disclaimer: Subject to change without notice
© 2015 TriQuint Semiconductor, Inc.
www.triquint.com / www.qorvo.com
RFMD + TriQuint = Qorvo
Product Compliance Information
ESD Sensitivity Ratings
Caution! ESD-Sensitive Device
ESD Rating: Class 1B
Test:Electrostatic Discharge Sensitivity Testing,
Human Body Model (HBM) - component level
Standard: ESDA/JEDEC JS-001-2012
ESD Rating: Class B
Test: Machine Model (MM)
Standard: JEDEC Standard JESD22-A115
Solderability
Compatible with both lead-free (260°C maximum reflow
temperature) and tin/lead (245°C maximum reflow
temperature) soldering processes.
Refer
to
Soldering
Profile
for
recommended
guidelines
.
RoHs Compliance
This part is compliant with EU 2002/95/EC RoHS
directive (Restrictions on the Use of Certain Hazardous
Substances in Electrical and Electronic Equipment).
This product also has the following attributes:
• Lead Free
• Halogen Free (Chlorine, Bromine)
• Antimony Free
• TBBP-A (C15H12Br402) Free
• PFOS Free
• SVHC Free
MSL Rating
Not applicable. Hermetic package.
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations:
Web:
www.triquint.com
Tel: 877-800-8584
Email: customer.support@qorvo.com
For information about the merger of RFMD and TriQuint as Qorvo:
Web:
www.qorvo.com
For technical questions and application information:
Email: flapplication.engineering@tqs.com
Important Notice
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information
contained herein.
TriQuint assumes no responsibility or liability whatsoever for any of the information contained
herein. TriQuint assumes no responsibility or liability whatsoever for the use of the information contained herein. The
information contained herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with
such information is entirely with the user.
All information contained herein is subject to change without notice.
Customers should obtain and verify the latest relevant information before placing orders for TriQuint products. The
information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or
anything described by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-
sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal
injury or death.


Similar Part No. - 856532

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856532 TRIQUINT-856532 Datasheet
417Kb / 5P
   1950 MHz SAW Filter
More results

Similar Description - 856532

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1981A TAI-SAW-TA1981A Datasheet
645Kb / 7P
   SAW Filter 1950 MHz
TA1815B TAI-SAW-TA1815B Datasheet
756Kb / 8P
   SAW Filter 1950 MHz
logo
RF Monolithics, Inc
SF2224E RFM-SF2224E Datasheet
940Kb / 5P
   1950 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2224E MURATA-SF2224E Datasheet
627Kb / 5P
   1950 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1590A TAI-SAW-TA1590A Datasheet
140Kb / 8P
   SAW Filter 1950 MHz
logo
TriQuint Semiconductor
856532 TRIQUINT-856532 Datasheet
417Kb / 5P
   1950 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0235A TAI-SAW-TA0235A Datasheet
702Kb / 6P
   SAW Filter 1950 MHz
logo
TriQuint Semiconductor
856661 TRIQUINT-856661_15 Datasheet
298Kb / 5P
   1950 MHz SAW Filter
856678 TRIQUINT-856678_15 Datasheet
532Kb / 6P
   1950 MHz SAW Filter
855938 TRIQUINT-855938 Datasheet
488Kb / 5P
   1950 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com