Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856565 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856565
Description  881.5/1960 MHz SAW Filter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856565 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856565_15 Datasheet HTML 1Page - TriQuint Semiconductor 856565_15 Datasheet HTML 2Page - TriQuint Semiconductor 856565_15 Datasheet HTML 3Page - TriQuint Semiconductor 856565_15 Datasheet HTML 4Page - TriQuint Semiconductor 856565_15 Datasheet HTML 5Page - TriQuint Semiconductor 856565_15 Datasheet HTML 6Page - TriQuint Semiconductor 856565_15 Datasheet HTML 7Page - TriQuint Semiconductor 856565_15 Datasheet HTML 8Page - TriQuint Semiconductor 856565_15 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Data Sheet
Part Number 856565
881.5/1960 MHz SAW Filter
Subject to change or obsolescence without notice
Rev E
01/09
©TriQuint Semiconductor, Inc.
Page 2 of 11
Electrical Cellular Specifications
(1)
Operating Temperature Range:
(2)
+25
oC
Parameter
(3)
Minimum
Typical
(4)
Maximum
Unit
Center Frequency
-
881.5
-
MHz
Maximum Insertion Loss
869 - 894 MHz
-
1.6
2.1
dB
Absolute Attenuation
0.2 -
760 MHz
760 - 824 MHz
824 - 849 MHz
915 - 960 MHz
960 - 3000 MHz
50
45
35
23
45
58
50
40
28
53
-
-
-
-
-
dB
dB
dB
dB
dB
Amplitude Ripple
869 - 894 MHz
-
0.3
1
dB p-p
Output Amplitude Balance (|S31/S21|)
869 - 894 MHz
-1
-0.7
1
dB
Output Phase Balance [
φφφφ(S
31)-
φφφφ(S
21)+180]
869 - 894 MHz
-5
-2/+2
5
degree
Input/Output Return Loss
869 - 894 MHz
10
14
-
dB
Inter-band Isolation
30
45
-
dB
Group Delay
-
35
50
ns
Optimal Source Impedance
(5)
-
50
-
Optimal Load Impedance (balanced)
(5)
-
137+j84
-
Notes:
1.
All specifications are based on TriQuint test circuit matching schematics shown on page 10
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
Typical values are based on average measurements at room temperature
5.
This is the optimum impedance in order to achieve the performance shown


Similar Part No. - 856565_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
856565 ETC2-856565 Datasheet
746Kb / 9P
   881.5/1960 MHz SAW Filter
More results

Similar Description - 856565_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
856565 ETC2-856565 Datasheet
746Kb / 9P
   881.5/1960 MHz SAW Filter
logo
TriQuint Semiconductor
856080 TRIQUINT-856080 Datasheet
451Kb / 7P
   1960 MHz SAW Filter
856104 TRIQUINT-856104 Datasheet
457Kb / 6P
   1960 MHz SAW Filter
855817 TRIQUINT-855817_15 Datasheet
1Mb / 6P
   1960 MHz SAW Filter
logo
RF Monolithics, Inc
SF1183B RFM-SF1183B Datasheet
231Kb / 5P
   881.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2001E MURATA-SF2001E Datasheet
656Kb / 5P
   1960 MHz SAW Filter
logo
RF Monolithics, Inc
SF2001E RFM-SF2001E Datasheet
656Kb / 5P
   1960 MHz SAW Filter
logo
TriQuint Semiconductor
855859 TRIQUINT-855859_15 Datasheet
545Kb / 6P
   1960 MHz SAW Filter
855924 TRIQUINT-855924 Datasheet
441Kb / 5P
   881.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1183B MURATA-SF1183B Datasheet
171Kb / 5P
   881.5 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com