Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856582 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 856582
Description  172.8 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856582 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  856582_15 Datasheet HTML 1Page - TriQuint Semiconductor 856582_15 Datasheet HTML 2Page - TriQuint Semiconductor 856582_15 Datasheet HTML 3Page - TriQuint Semiconductor 856582_15 Datasheet HTML 4Page - TriQuint Semiconductor 856582_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
Part Number 856582
172.8 MHz SAW Filter
Subject to change or obsolescence without notice
Rev A
06-07 TriQuint Semiconductor, Inc. ©
Page 1 of 5
Features
• For multi carrier WCDMA applications
• Usable bandwidth 18 MHz
• Low loss
• High attenuation
• Single-ended operation
• Ceramic Surface Mount Package (SMP)
• Hermetic
• RoHS compliant (2002/95/EC), Pb-free
Package
Pin Configuration
Surface Mount 7.01 x 5.51 x 1.70 mm
Bottom View
9
10
7
86
4
5
12
3
Pin No.
Description
9
Input
4
Output
5,10
Ground
1,2,3
Case ground
6,7,8
Case ground
5.50
0.60
1.24 NOM.
1.35 MAX.
1.40
2.54
1.00
7.00
1.27
0.69
Dimensions shown are nominal in millimeters
All tolerances are
±0.15mm except overall
length and width
±0.13mm
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 0.5 - 1.0
µm,
over a 2 - 6
µm Ni plating
Pb


Similar Part No. - 856582_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856584 TRIQUINT-856584 Datasheet
460Kb / 5P
   1575.42 MHz SAW Filter
More results

Similar Description - 856582_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856893 TRIQUINT-856893_15 Datasheet
574Kb / 6P
   172.8 MHz SAW Filter
856802 TRIQUINT-856802_15 Datasheet
329Kb / 6P
   172.8 MHz SAW Filter
856620 TRIQUINT-856620_15 Datasheet
427Kb / 5P
   172.8 MHz SAW Filter
logo
API Technologies Corp
SF0172CD03076S APITECH-SF0172CD03076S Datasheet
160Kb / 3P
   172.8 MHz SAW Filter 9 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com