Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856598-EVB Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # 856598-EVB
Description  1220 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856598-EVB Datasheet(HTML) 6 Page - TriQuint Semiconductor

  856598-EVB Datasheet HTML 1Page - TriQuint Semiconductor 856598-EVB Datasheet HTML 2Page - TriQuint Semiconductor 856598-EVB Datasheet HTML 3Page - TriQuint Semiconductor 856598-EVB Datasheet HTML 4Page - TriQuint Semiconductor 856598-EVB Datasheet HTML 5Page - TriQuint Semiconductor 856598-EVB Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
856598
1220 MHz SAW Filter
Data Sheet: Rev. B 14-06-16
- 6 of 6 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Product Compliance Information
ESD Sensitivity Ratings
Caution! ESD-Sensitive Device
ESD Rating: 1A
Value:
Passes
 400 V min.
Test:
Human Body Model (HBM)
Standard:
ESDA/JEDEC JS-001-2012
ESD Rating: B
Value:
Passes
 200 V min.
Test:
Machine Model (MM)
Standard:
JEDEC Standard JESD22-A115
Solderability
Compatible with both lead-free (260
 °C maximum reflow
temperature)
and
tin/lead
(245
 °C
maximum
reflow
temperature) soldering processes.
Refer to Soldering Profile for recommended guidelines.
RoHs Compliance
This part is compliant with EU 2002/95/EC RoHS directive
(Restrictions on the Use of Certain Hazardous Substances in
Electrical and Electronic Equipment).
This product also has the following attributes:
 Lead Free
 Halogen Free (Chlorine, Bromine)
 Antimony Free
 TBBP-A (C
15H12Br402) Free
 PFOS Free
 SVHC Free
MSL Rating
Not applicable. Hermetic package.
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and information
about TriQuint:
Web:
www.triquint.com
Tel:
+1.407.886.8860
Email: info-sales@tqs.com
Fax:
+1.407.886.7061
For technical questions and application information:
Email: flapplication.engineering@tqs.com
Important Notice
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information
contained herein.
TriQuint assumes no responsibility or liability whatsoever for any of the information contained
herein. TriQuint assumes no responsibility or liability whatsoever for the use of the information contained herein. The
information contained herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with
such information is entirely with the user.
All information contained herein is subject to change without notice.
Customers should obtain and verify the latest relevant information before placing orders for TriQuint products. The
information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or
anything described by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-
sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal
injury or death.


Similar Part No. - 856598-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856592 TRIQUINT-856592_15 Datasheet
491Kb / 5P
   140 MHz SAW Filter
logo
Tyco Electronics
856593--1 MACOM-856593--1 Datasheet
108Kb / 4P
   0.8mm CHAMP* Crimper Assemblies
More results

Similar Description - 856598-EVB

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2194E RFM-SF2194E Datasheet
475Kb / 5P
   1220 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0194A TAI-SAW-TA0194A Datasheet
297Kb / 5P
   SAW Filter 1220 MHz
logo
TriQuint Semiconductor
856298 TRIQUINT-856298_15 Datasheet
376Kb / 6P
   1220 MHz SAW Filter
856184 TRIQUINT-856184 Datasheet
580Kb / 5P
   1220 MHz SAW Filter
856183 TRIQUINT-856183 Datasheet
559Kb / 5P
   1220 MHz SAW Filter
logo
RF Monolithics, Inc
SF2032E RFM-SF2032E Datasheet
166Kb / 5P
   1220 MHz SAW Filter
SF2017D RFM-SF2017D Datasheet
178Kb / 4P
   1220 MHz SAW Filter
SF2081E RFM-SF2081E Datasheet
614Kb / 4P
   1220 MHz SAW Filter
logo
TriQuint Semiconductor
856298 TRIQUINT-856298 Datasheet
564Kb / 5P
   1220 MHz SAW Filter
logo
RF Monolithics, Inc
SF2017E RFM-SF2017E Datasheet
779Kb / 5P
   1220 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com