Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856606 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 856606
Description  860.5 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856606 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  856606_15 Datasheet HTML 1Page - TriQuint Semiconductor 856606_15 Datasheet HTML 2Page - TriQuint Semiconductor 856606_15 Datasheet HTML 3Page - TriQuint Semiconductor 856606_15 Datasheet HTML 4Page - TriQuint Semiconductor 856606_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
Part Number 856606
860.5 MHz SAW Filter
Features
• For wireless applications
• Usable bandwidth of 19 MHz
• Low loss
• High attenuation
• No impedance matching required for operation
at 50
• Single-ended operation
• Ceramic Surface Mount Package (SMP)
• Hermetic
• RoHS compliant (2002/95/EC), Pb-free
Package
Pin Configuration
Surface Mount 3.00 x 3.00 x 1.22 mm
Bottom View
65
4
3
2
1
Pin No.
Description
2
Input
5
Output
1,3,4,6
Case ground
0.69
1.22 NOM.
1.32 MAX.
0.75
0.60
1.50
0.75
3.00
3.00
Dimensions shown are nominal in millimeters
All tolerances are
±0.15mm except overall
length and width
±0.10mm
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 0.5 - 1.0
µm,
over a 2 - 6
µm Ni plating
Pb
Subject to change or obsolescence without notice
Rev B
02-Aug-2006
Page 1 of 5


Similar Part No. - 856606_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856604 TRIQUINT-856604_15 Datasheet
493Kb / 7P
   2332.5 MHz SAW Filter
More results

Similar Description - 856606_15

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1469A TAI-SAW-TA1469A Datasheet
481Kb / 7P
   SAW Filter 860.5 MHz
logo
EPCOS
B4231 EPCOS-B4231 Datasheet
171Kb / 12P
   SAW Components SAW Rx 2in1 Filter 860.5 / 938.0 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TE0144A TAI-SAW-TE0144A Datasheet
882Kb / 11P
   SAW Dual Filter 772/860.5 MHz SMD 1.8X1.4 mm
TE0136A TAI-SAW-TE0136A Datasheet
1Mb / 11P
   SAW Dual Filter 769/860.5 MHz SMD 1.8X1.4 mm
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com