Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7476 Datasheet(PDF) 3 Page - International Rectifier

Part # IRF7476
Description  Power MOSFET(Vdss=12V, Id=15A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7476 Datasheet(HTML) 3 Page - International Rectifier

  IRF7476 Datasheet HTML 1Page - International Rectifier IRF7476 Datasheet HTML 2Page - International Rectifier IRF7476 Datasheet HTML 3Page - International Rectifier IRF7476 Datasheet HTML 4Page - International Rectifier IRF7476 Datasheet HTML 5Page - International Rectifier IRF7476 Datasheet HTML 6Page - International Rectifier IRF7476 Datasheet HTML 7Page - International Rectifier IRF7476 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRF7476
www.irf.com
3
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
1.5
2.0
2.5
3.0
3.5
4.0
VGS, Gate-to-Source Voltage (V)
0.10
1.00
10.00
100.00
1000.00
TJ = 25°C
TJ = 150°C
VDS = 10V
20µs PULSE WIDTH
-60
-40
-20
0
20
40
60
80
100
120
140
160
0.0
0.5
1.0
1.5
2.0


V
=
I
=
GS
D
4.5V
15A
Tj, Junction Temperature (°C)
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.001
0.01
0.1
1
10
100
1000
1.5V
20µs PULSE WIDTH
Tj = 25°C
VGS
TOP
10V
8.0V
5.0V
4.5V
3.5V
2.7V
2.0V
BOTTOM 1.5V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
1.5V
20µs PULSE WIDTH
Tj = 150°C
VGS
TOP
10V
8.0V
5.0V
4.5V
3.5V
2.7V
2.0V
BOTTOM 1.5V


Similar Part No. - IRF7476

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
IRF7476 KEXIN-IRF7476 Datasheet
1Mb / 5P
   N-Channel MOSFET
logo
Guangdong Youtai Semico...
IRF7476 UMW-IRF7476 Datasheet
372Kb / 8P
   High Frequency 3.3V and 5V input Point-of-Load Synchronous Buck Converters for
logo
Guangdong Kexin Industr...
IRF7476-HF KEXIN-IRF7476-HF Datasheet
1Mb / 5P
   N-Channel MOSFET
logo
International Rectifier
IRF7476PBF IRF-IRF7476PBF Datasheet
162Kb / 8P
   HEXFET Power MOSFET ( VDSS = 12V , RDS(on) max = 8.0m廓@VGS = 4.5V , ID = 15A )
logo
Guangdong Youtai Semico...
IRF7476TR UMW-IRF7476TR Datasheet
372Kb / 8P
   High Frequency 3.3V and 5V input Point-of-Load Synchronous Buck Converters for
More results

Similar Description - IRF7476

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7476PBF IRF-IRF7476PBF Datasheet
162Kb / 8P
   HEXFET Power MOSFET ( VDSS = 12V , RDS(on) max = 8.0m廓@VGS = 4.5V , ID = 15A )
IRFP244 IRF-IRFP244 Datasheet
167Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=15A)
IRF7702 IRF-IRF7702 Datasheet
138Kb / 8P
   Power MOSFET(Vdss=-12V)
IRF7754 IRF-IRF7754 Datasheet
144Kb / 9P
   Power MOSFET(Vdss=-12V)
IRF7701 IRF-IRF7701 Datasheet
147Kb / 9P
   Power MOSFET(Vdss=-12V)
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRF7455 IRF-IRF7455 Datasheet
167Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0071ohm,Id=15A)
IRF7457PBF IRF-IRF7457PBF Datasheet
177Kb / 8P
   HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 7.0m廓 , ID = 15A )
IRF7453 IRF-IRF7453 Datasheet
220Kb / 8P
   Power MOSFET(Vdss=250V, Id=2.2A)
IRF7413 IRF-IRF7413 Datasheet
123Kb / 8P
   Power MOSFET(Vdss=30V, Id=12A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com