Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSMD9N15 Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # KSMD9N15
Description  150V N-CHANNEL MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

KSMD9N15 Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  KSMD9N15 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. KSMD9N15 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. KSMD9N15 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. KSMD9N15 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. KSMD9N15 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. KSMD9N15 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. KSMD9N15 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. KSMD9N15 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 
 
          
    
   
!   "   
#    !   
         
!   ! 
 !     
       $ !  
   

% & '()*'+,-' .Ω/+-)'+
% 0 1 )'2
% 01 )&2
%  
% )''3! 
% 4!!$ " 
  
    
    




+
 + 
)*'
+
4

1-5*62
& '
(
1-)''62
. .
(
4

7 
 
58
(
+
9 + 
±5*
+
:
 7 (! :
 
8'
;
4
(! 
 
& '
(
:
,!(! :
 
. *
;
!$
7<, !!$
 
* *
+$
7
71-5*62=
5 *
>
71-5*62
.*
>
"!5*6
' ?@
>$6
 
,
**A)*'
6

B  
)$8 * 
?''
6





,θ 
 , ; 

5 &8
6>
 , ; ("=

*'
6>
 , ; ("

))'
6>
       
! "
!
!
!
"
"
"
! "
!
!
!
"
"
"



KSMD9N15 / KSMU9N15
TO-252
TO-251
Kersemi proprietary,
2014-7-16
1
www.kersemi.com


Similar Part No. - KSMD9N15

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSMD9N08 KERSEMI-KSMD9N08 Datasheet
1Mb / 8P
   80V N-Channel MOSFET
KSMD9N25 KERSEMI-KSMD9N25 Datasheet
1Mb / 8P
   250V N-CHANNEL MOSFET
More results

Similar Description - KSMD9N15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB14N15 FAIRCHILD-FQB14N15 Datasheet
788Kb / 9P
   150V N-Channel MOSFET
FQPF5N15 FAIRCHILD-FQPF5N15 Datasheet
748Kb / 8P
   150V N-Channel MOSFET
FQD16N15 FAIRCHILD-FQD16N15 Datasheet
730Kb / 9P
   150V N-Channel MOSFET
FQPF9N15 FAIRCHILD-FQPF9N15 Datasheet
755Kb / 8P
   150V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF1502G5 GOOD-ARK-SSF1502G5_15 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
SSS1510 GOOD-ARK-SSS1510 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB2502L AOSMD-AOB2502L Datasheet
334Kb / 6P
   150V N-Channel MOSFET
AON6250 AOSMD-AON6250 Datasheet
283Kb / 6P
   150V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP28N15 FAIRCHILD-FQP28N15 Datasheet
797Kb / 8P
   150V N-Channel MOSFET
FDP79N15 FAIRCHILD-FDP79N15 Datasheet
1Mb / 10P
   150V N-Channel MOSFET
FQB45N15V2 FAIRCHILD-FQB45N15V2 Datasheet
668Kb / 9P
   150V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com