Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856653 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # 856653
Description  1250 MHz Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856653 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  856653 Datasheet HTML 1Page - TriQuint Semiconductor 856653 Datasheet HTML 2Page - TriQuint Semiconductor 856653 Datasheet HTML 3Page - TriQuint Semiconductor 856653 Datasheet HTML 4Page - TriQuint Semiconductor 856653 Datasheet HTML 5Page - TriQuint Semiconductor 856653 Datasheet HTML 6Page - TriQuint Semiconductor 856653 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
856653
1250 MHz Filter
Data Sheet: Rev. E 14-06-16
- 3 of 7 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
960686 Evaluation Board
960708
3,4,7,8
200
1
2
5
6
9.5 nH
200 
8.2 nH
8.2 nH
12 nH
6.8 nH
6.8 nH
D1
3,4,7,8
200
1
2
5
6
1.1 pF
200 
18 nH
18 nH
0.6 pF
18 nH
18 nH
D2
Notes:
3-layers board - top, middle & bottom layer: 1 oz copper
Substrates: .031” thick FR4 dielectric.
Finish plating: Nickel: 3-8
 µm thick, Gold: .03-.2 µm thick
Hole plating: Copper min .0008
 µm thick
Bill of Material
Reference Des. D1
Value
Description
Manuf.
Part Number
L1
12
 nH
Coil Wire-wound, 0402
, ± 3%
Murata
LQW15AN12NH00
L2
6.8
 nH
Coil Wire-wound, 0402, ± 3%
Murata
LQW15AN6N8H00
L3
6.8
 nH
Coil Wire-wound, 0402, ± 3%
Murata
LQW15AN6N8H00
L4
8.2
 nH
Coil Wire-wound, 0402, ± 3%
Murata
LQW15AN8N2H00
L5
8.2
 nH
Coil Wire-wound, 0402, ± 3%
Murata
LQW15AN8N2H00
L6
9.5
 nH
Coil Wire-wound, 0402, ± 3%
Murata
LQW15AN9N5H00
Reference Des. D2 Value
Description
Manuf.
Part Number
L1
L2
L3
L4
L5
L6
1
8 nH
Coil Wire-wound, 0402, ± 3%
Murata
LQW15AN18NH00
L2
18 nH
Coil Wire-wound, 0402, ± 3%
Murata
LQW15AN18NH00
L3
18 nH
Coil Wire-wound, 0402, ± 3%
Murata
LQW15AN18NH00
L4
18 nH
Coil Wire-wound, 0402, ± 3%
Murata
LQW15AN18NH00
C1
0.6
 pF
Cer. Chip Capacitor, 0402
± 0.1 pF
Murata
GJM1555C1HR60BB01
C2
1.1 pF
Cer. Chip Capacitor, 0402
± 0.1 pF
Murata
GJM1555C1H1R1BB01
SMA
N/A
SMA connector
Johnson Components 142-0701-801
PCB
N/A
3-layer
Multiple
960708


Similar Part No. - 856653

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856652 TRIQUINT-856652_15 Datasheet
402Kb / 6P
   398 MHz SAW Filter
856654 TRIQUINT-856654 Datasheet
443Kb / 6P
   1747.5 MHz SAW Filter
856654-EVB TRIQUINT-856654-EVB Datasheet
443Kb / 6P
   1747.5 MHz SAW Filter
856654 TRIQUINT-856654_15 Datasheet
443Kb / 6P
   1747.5 MHz SAW Filter
856656 TRIQUINT-856656 Datasheet
457Kb / 5P
   140 MHz SAW Filter
More results

Similar Description - 856653

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3008-SMA KR-3008-SMA Datasheet
56Kb / 3P
   1250 MHz Lowpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0824A TAI-SAW-TA0824A Datasheet
369Kb / 8P
   SAW Filter 1250 MHz
TA2386A TAI-SAW-TA2386A Datasheet
595Kb / 7P
   SAW Filter 1250 MHz
logo
KR Electronics, Inc.
3008 KR-3008 Datasheet
48Kb / 3P
   1250 MHz Lowpass
logo
Analog Devices
ADRF6701 AD-ADRF6701 Datasheet
1Mb / 36P
   400 MHz to 1250 MHz Quadrature Modulator
REV. 0
logo
TRIAD MAGNETICS
VPP24-1250 TRIAD-VPP24-1250 Datasheet
46Kb / 1P
   VPP24-1250
VPP16-1250 TRIAD-VPP16-1250 Datasheet
47Kb / 1P
   VPP16-1250
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0070BA03045S APITECH-SF0070BA03045S Datasheet
249Kb / 2P
   70 MHz Filter
SF0300BA01973S APITECH-SF0300BA01973S Datasheet
149Kb / 2P
   300 MHz Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com