Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSMD16N15 Datasheet(PDF) 4 Page - Kersemi Electronic Co., Ltd.

Part # KSMD16N15
Description  150V N-CHANNEL MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

KSMD16N15 Datasheet(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  KSMD16N15 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. KSMD16N15 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. KSMD16N15 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. KSMD16N15 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. KSMD16N15 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. KSMD16N15 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. KSMD16N15 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. KSMD16N15 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image


















     
 
              
        !  

" 
 #     $  %    
     
  
 

 

 


          
        












!"














 µ


 
 
 µ
&'()()(*'
(+(( ,-.



 


  

/()0

 
!"     














  

  


  








 
 
 
 
 
 
 


  
1
 2*


#   !"

() *$$" &  +
',) *$$ 
 #$  
- .!   
#$  
/   
#$  
''# #$  



KSMD16N15 / KSMU16N15
2014-7-12
4
www.kersemi.com


Similar Part No. - KSMD16N15

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSMD16N25C KERSEMI-KSMD16N25C Datasheet
1Mb / 7P
   250V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com