Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC1000T Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SMC1000T
Description  SmartPro 100-110-120V 1kVA 650W Line Interactive Sine Wave UPS, Tower, USB, RS232
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMC1000T Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SMC1000T Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMC1000T Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMC1000T Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMC1000T Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VOLTAGE REGULATION
Voltage Regulation Description
Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 95 to 145 (120v),
87 to 133 (110v), 83 to 121 (100v)
Overvoltage Correction
Voltage reduction of 12% applies when input is 127 to 145 (120v), 116 to 133 (110v), 111 to 121 (100v)
Undervoltage Correction
Voltage boost of 14% applies when input is 95 to 108 (120v), 87 to 99 (110v), 83 to 90 (100v)
USER INTERFACE, ALERTS & CONTROLS
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation; rear panel protected switches support
nominal voltage selection
Alarm Cancel Operation
Power-fail alarm can be silenced using alarm-cancel switch
Audible Alarm
Audible alarm indicates power failure and overload conditions
LED Indicators
Status LEDs indicate line power, battery power, AVR, overload and replace battery status - with a 3-LED level
meter for load and battery charge level
Site Wiring Fault Indication
Rear panel site wiring fault LED
SURGE / NOISE SUPPRESSION
UPS AC Suppression Joule Rating
420
UPS AC Suppression Response
Time
Instantaneous
UPS Dataline Suppression
1 line TEL/DSL (1 in / 1 out); 10/100Base T Ethernet
EMI / RFI AC Noise Suppression
Yes
PHYSICAL
Primary Form Factor
Tower
UPS Power Module Dimensions
(hwd, in.)
10.2 x 6.8 x 13.2
UPS Power Module Dimensions
(hwd, cm)
26 x 17.1 x 33.7
UPS Power Module Weight (lbs.)
36
UPS Power Module Weight (kg)
16.3
UPS Shipping Dimensions (hwd / in.)
14 x 9.8 x 18.5
UPS Shipping Dimensions (hwd /
cm)
35.6 x 24.8 x 47
Shipping Weight (lbs.)
39.6
Shipping Weight (kg)
18
Cooling Method
Fan
UPS Housing Material
Steel
ENVIRONMENTAL
3 / 4


Similar Part No. - SMC1000T

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMC100 SUNMATE-SMC100 Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Superworld Electronics
SMC1005R08MZF SUPERWORLD-SMC1005R08MZF Datasheet
193Kb / 4P
   SMD Power Inductors
SMC1005R10MZF SUPERWORLD-SMC1005R10MZF Datasheet
193Kb / 4P
   SMD Power Inductors
SMC1005R12MZF SUPERWORLD-SMC1005R12MZF Datasheet
193Kb / 4P
   SMD Power Inductors
SMC1005R15MZF SUPERWORLD-SMC1005R15MZF Datasheet
193Kb / 4P
   SMD Power Inductors
More results

Similar Description - SMC1000T

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMC1500T TRIPPLITE-SMC1500T Datasheet
524Kb / 4P
   SmartPro 100-110-120V 1.5kVA 900W Line-Interactive Sine Wave UPS, Tower, USB, RS232
SMART1050SLT TRIPPLITE-SMART1050SLT_15 Datasheet
510Kb / 5P
   SmartPro 100-110-120V 1.05kVA 650W Line-Interactive Sine Wave UPS, SNMP, Webcard,Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART1000RM2U ETC2-SMART1000RM2U Datasheet
516Kb / 7P
   SmartPro 1kVA 800W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 2U Rack/Tower, LCD, USB, RS232, EPO, 120V
SMART1050SLT ETC2-SMART1050SLT Datasheet
518Kb / 7P
   SmartPro 1.05kVA Line Interactive Sine Wave UPS, SNMPWEBCARD option, Tower, USB, Serial 100/110/120V
logo
Tripp Lite. All Rights ...
SMART1050SLTAA TRIPPLITE-SMART1050SLTAA Datasheet
511Kb / 5P
   TAA-Compliant SmartPro 100-110-120V 1.05kVA 650W Line-Interactive Sine Wave UPS, SNMP,Webcard, Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART1000RM1U ETC2-SMART1000RM1U Datasheet
488Kb / 7P
   SmartPro 1kVA 800W Line Interactive Sine Wave UPS, SNMPWEBCARD option, 1U Rackmount, USB, RS232, EPO, 120V
logo
Tripp Lite. All Rights ...
SMART750SLT TRIPPLITE-SMART750SLT Datasheet
507Kb / 5P
   SmartPro 100-110-120V 750VA 500W Line-Interactive Sine Wave UPS, SNMP, Webcard,Tower, USB, DB9 Serial
SMART1500SLT TRIPPLITE-SMART1500SLT_15 Datasheet
508Kb / 5P
   SmartPro 100-110-120V 1.5kVA 900W Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
SMX1050SLT TRIPPLITE-SMX1050SLT Datasheet
509Kb / 5P
   SmartPro 230V 1050VA 650W Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART750 ETC2-SMART750 Datasheet
501Kb / 6P
   SmartPro .75kVA Line Interactive UPS, Tower USB 120V
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com