Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856691 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856691
Description  140 MHz SAW Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856691 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856691_15 Datasheet HTML 1Page - TriQuint Semiconductor 856691_15 Datasheet HTML 2Page - TriQuint Semiconductor 856691_15 Datasheet HTML 3Page - TriQuint Semiconductor 856691_15 Datasheet HTML 4Page - TriQuint Semiconductor 856691_15 Datasheet HTML 5Page - TriQuint Semiconductor 856691_15 Datasheet HTML 6Page - TriQuint Semiconductor 856691_15 Datasheet HTML 7Page - TriQuint Semiconductor 856691_15 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
856691
140 MHz SAW Filter
Data Sheet: Rev B 12/10/10
- 2 of 8 -
Disclaimer: Subject to change without notice e
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Specifications
Electrical Specifications
(1)
Specified Temperature Range:
(2) -40 to +85 ºC
Parameter
(3)
Conditions
Min
Typical
(4)
Max
Units
Center Frequency
-
140
-
MHz
Minimum Insertion Loss
139.25 – 140.75 MHz
-
12.1
14
dB
Amplitude Variation
139.25 – 140.75 MHz
-
0.6
1.2
dB p-p
Phase Linearity
139.25 – 140.75 MHz
-
3.2
10
o p-p
Group Delay Variation
139.25 – 140.75 MHz
-
74
180
ns p-p
Relative Attenuation
(5)
10 – 137 MHz
143 – 280 MHz
40
40
47
48
-
-
dB
dB
Source Impedance (single-ended or
balanced)
(6)
-
50
-
Load Impedance (single-ended )
(6)
-
50
-
Notes:
1. All specifications are based on the TriQuint schematic for the main reference design shown on pages 3 and 5
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4. Typical values are based on average measurements at room temperature
5. Relative to minimum insertion loss
6. This is the optimum impedance in order to achieve the performance shown
Absolute Maximum Ratings
Parameter
Rating
Operating Temperature
-40 to +85
oC
Storage Temperature
-55 to +125
oC
Pyroelectric Voltage
50 mV p-p
Input Power
+20 dBm
Operation of this device outside the parameter ranges given above may cause permanent damage.


Similar Part No. - 856691_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856690 TRIQUINT-856690_15 Datasheet
354Kb / 5P
   756 MHz SAW Filter
856692 TRIQUINT-856692_15 Datasheet
394Kb / 5P
   140 MHz SAW Filter
856693 TRIQUINT-856693_15 Datasheet
444Kb / 5P
   140 MHz SAW Filter
856694 TRIQUINT-856694_15 Datasheet
408Kb / 6P
   140 MHz SAW Filter
856695 TRIQUINT-856695_15 Datasheet
397Kb / 6P
   140 MHz SAW Filter
More results

Similar Description - 856691_15

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2182D RFM-SF2182D Datasheet
1Mb / 14P
   140 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2182D MURATA-SF2182D Datasheet
1Mb / 14P
   140 MHz SAW Filter
logo
TriQuint Semiconductor
856019 TRIQUINT-856019 Datasheet
537Kb / 5P
   140 MHz SAW Filter
856064 TRIQUINT-856064 Datasheet
567Kb / 5P
   140 MHz SAW Filter
856069 TRIQUINT-856069 Datasheet
628Kb / 5P
   140 MHz SAW Filter
856074 TRIQUINT-856074 Datasheet
571Kb / 5P
   140 MHz SAW Filter
856692 TRIQUINT-856692_15 Datasheet
394Kb / 5P
   140 MHz SAW Filter
856020 TRIQUINT-856020_15 Datasheet
386Kb / 6P
   140 MHz SAW Filter
856067 TRIQUINT-856067_15 Datasheet
431Kb / 5P
   140 MHz SAW Filter
856074 TRIQUINT-856074_15 Datasheet
629Kb / 6P
   140 MHz SAW Filter
logo
RF Monolithics, Inc
SF2045A RFM-SF2045A Datasheet
216Kb / 5P
   140 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com