Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856693 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 856693
Description  140 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856693 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  856693_15 Datasheet HTML 1Page - TriQuint Semiconductor 856693_15 Datasheet HTML 2Page - TriQuint Semiconductor 856693_15 Datasheet HTML 3Page - TriQuint Semiconductor 856693_15 Datasheet HTML 4Page - TriQuint Semiconductor 856693_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Part Number 856693
140 MHz SAW Filter
Data Sheet
Subject to change or obsolescence without notice
Rev D
07-08 TriQuint Semiconductor, Inc. ©
Page 1 of 5
Features
• For multiple applications
• Usable bandwidth 6 MHz
• Low loss
• High attenuation
• Balanced operation
• Ceramic Surface Mount Package (SMP)
• Hermetic
• RoHS compliant (2002/95/EC), Pb-free
Package
Pin Configuration
Surface Mount 9.10 x 4.80 x 1.24 mm
Bottom View
SMP-35C
9.10
0.69
2.54
1.00
0.80
2.54
4.80
1.50
1.24 NOM.
1.35 MAX.
9
10
8
7
6
5
4
3
2
1
Pin No.
Description
9
Input +
10
Input -
4
Output +
5
Output -
1,2,3,6,7,8
Case Ground
Dimensions shown are nominal in millimeters
All tolerances are
±0.15mm except overall
length and width
±0.10mm
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 0.5 - 1.0
μm,
over a 2 - 6
μm Ni plating
Pb


Similar Part No. - 856693_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856690 TRIQUINT-856690_15 Datasheet
354Kb / 5P
   756 MHz SAW Filter
856691 TRIQUINT-856691 Datasheet
867Kb / 8P
   140 MHz SAW Filter
856691-EVB TRIQUINT-856691-EVB Datasheet
867Kb / 8P
   140 MHz SAW Filter
856691 TRIQUINT-856691_15 Datasheet
867Kb / 8P
   140 MHz SAW Filter
856692 TRIQUINT-856692_15 Datasheet
394Kb / 5P
   140 MHz SAW Filter
More results

Similar Description - 856693_15

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2182D RFM-SF2182D Datasheet
1Mb / 14P
   140 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2182D MURATA-SF2182D Datasheet
1Mb / 14P
   140 MHz SAW Filter
logo
TriQuint Semiconductor
856019 TRIQUINT-856019 Datasheet
537Kb / 5P
   140 MHz SAW Filter
856064 TRIQUINT-856064 Datasheet
567Kb / 5P
   140 MHz SAW Filter
856069 TRIQUINT-856069 Datasheet
628Kb / 5P
   140 MHz SAW Filter
856074 TRIQUINT-856074 Datasheet
571Kb / 5P
   140 MHz SAW Filter
856692 TRIQUINT-856692_15 Datasheet
394Kb / 5P
   140 MHz SAW Filter
856020 TRIQUINT-856020_15 Datasheet
386Kb / 6P
   140 MHz SAW Filter
856067 TRIQUINT-856067_15 Datasheet
431Kb / 5P
   140 MHz SAW Filter
856074 TRIQUINT-856074_15 Datasheet
629Kb / 6P
   140 MHz SAW Filter
logo
RF Monolithics, Inc
SF2045A RFM-SF2045A Datasheet
216Kb / 5P
   140 MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com