Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMX1050SLT Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SMX1050SLT
Description  SmartPro 230V 1050VA 650W Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SMX1050SLT Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SMX1050SLT Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SMX1050SLT Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SMX1050SLT Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SMX1050SLT Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SMX1050SLT Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Offers simultaneous monitoring by up to 3 directly connected devices through included USB, DB9 and SNMP* interfaces (*requires optional
SNMPWEBCARD), or the monitoring of any number of additional UPS systems over IP with included PowerAlert monitoring software
Communications ports support messaging of UPS and line power status, including on-battery, low-battery, power restored, AC line voltage, DC battery
voltage and remaining battery capacity
HID-compliant USB interface enables full integration with built-in power management and auto shutdown features of Windows and Mac OS X.
Supports Tripp Lite's WatchDog software application to restore unresponsive programs by systematically restarting applications, operating systems and
ultimately rebooting completely locked computers by momentarily switching UPS power off and back on again (requires optional WATCHDOGSW)
9 LEDs provide continuous status information of UPS operating parameters and site power quality
Hot-swappable batteries allow on-site battery replacement without powering off connected equipment
Optional PDUBHV10 bypass PDU enables hot-swappable UPS replacement with no disruption to connected equipment
Single line tel/DSL and network Ethernet line surge suppression
CE/IEC 62040, GOST, SASO
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
1050
Output kVA Capacity (kVA)
1
Output Watt Capacity (Watts)
650
Power Factor
0.6
Nominal Output Voltage(s)
Supported
220V; 230V; 240V
Nominal Voltage Details
230V default (voltage selection via back panel switches)
Frequency Compatibility
50 / 60 Hz
Output Voltage Regulation (Line
Mode)
-9%, +5%
Output Voltage Regulation (Battery
Mode)
+/- 5%
Output Receptacles
(8) C13
Included Output Power Cables
Includes 2 C13 to C14 output power cables
Hot-Swap PDU options
PDUBHV10 (2U / 8 C13 outlets)
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
Pure Sine wave
INPUT
Rated input current (Maximum Load)
2.8A (230V), 3.0A (220V), 2.7A (240V)
Nominal Input Voltage(s) Supported
220V AC; 230V AC; 240V AC
UPS Input Connection Type
C14 inlet
UPS Input Connection Description
IEC320-C14 input connection accepts a variety of detachable cordsets to match country or site-specific wall
receptacles
2 / 5


Similar Part No. - SMX1050SLT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMX1000LCD TRIPPLITE-SMX1000LCD Datasheet
490Kb / 5P
   SmartPro LCD 230V 1kVA 500W Line-Interactive UPS, Tower with LCD display and USB port
SMX1000RT2U TRIPPLITE-SMX1000RT2U Datasheet
505Kb / 5P
   SmartPro 230V 1000VA 900W Line-Interactive Sine Wave UPS, SNMP, Webcard, 2U Rack-Tower, USB,DB9 Serial
SMX1000RT2UN TRIPPLITE-SMX1000RT2UN Datasheet
180Kb / 6P
   SmartPro 230V 1000VA 900W Line-Interactive Sine Wave UPS, 2U, WEBCARDLX, LCD, USB, DB9, 6 Outlets
More results

Similar Description - SMX1050SLT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SMX750SLT TRIPPLITE-SMX750SLT_15 Datasheet
496Kb / 5P
   SmartPro 230V 750VA 500W Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, DB9 Serial
SMART1050SLT TRIPPLITE-SMART1050SLT_15 Datasheet
510Kb / 5P
   SmartPro 100-110-120V 1.05kVA 650W Line-Interactive Sine Wave UPS, SNMP, Webcard,Tower, USB, DB9 Serial
SMX1500SLT TRIPPLITE-SMX1500SLT Datasheet
500Kb / 5P
   SmartPro 230V 1.5kVA 900W Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, Serial
SMX1000RT2U TRIPPLITE-SMX1000RT2U Datasheet
505Kb / 5P
   SmartPro 230V 1000VA 900W Line-Interactive Sine Wave UPS, SNMP, Webcard, 2U Rack-Tower, USB,DB9 Serial
SMART2200SLT TRIPPLITE-SMART2200SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP, Webcard, USB, DB9 Serial
SMARTINT2200VS TRIPPLITE-SMARTINT2200VS Datasheet
505Kb / 5P
   SmartPro 230V 2.2kVA 1.6kW Line-Interactive UPS,Tower, SNMP, Webcard, USB, DB9 Serial
SMART3000SLT TRIPPLITE-SMART3000SLT_15 Datasheet
505Kb / 5P
   SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, SNMP, Webcard, Tower, USB, DB9 Serial
SMART1050SLTAA TRIPPLITE-SMART1050SLTAA Datasheet
511Kb / 5P
   TAA-Compliant SmartPro 100-110-120V 1.05kVA 650W Line-Interactive Sine Wave UPS, SNMP,Webcard, Tower, USB, DB9 Serial
SMX1500XLRT2U TRIPPLITE-SMX1500XLRT2U Datasheet
507Kb / 5P
   SmartPro 230V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack/Tower, USB, DB9 Serial
SMX3000XLRT2U TRIPPLITE-SMX3000XLRT2U Datasheet
488Kb / 5P
   SmartPro 230V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com