Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYS-23011GX-00 Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYS-23011GX-00
Description  2.30 Inch (56.80mm) digit height Single Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYS-23011GX-00 Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYS-23011GX-00 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-23011GX-00 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-23011GX-00 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-23011GX-00 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-23011GX-00 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Model No.
Rev.
Min
Max
5
30
100
150
-40
+85
-40
+85
■ Electrical-Optical Characteristics
● Color Code & Chip Characteristics:(Test Condition:IF=20mA)
Typ
Max
H
Red
90nm
2.00
2.50
S
Hi Red
20nm
1.80
2.50
D
Super Red
20nm
1.90
2.50
E
Orange
35nm
1.90
2.50
A
Amber
35nm
1.90
2.50
Y
Yellow
35nm
1.90
2.50
G
Green
10nm
1.90
2.50
3.40
4.40
2.80
3.80
2.80
3.80
PG Pure Green
36nm
2.80
3.80
W
White
CCT:9500K
2.80
3.80
UHR Ultra Hi Red
20nm
1.90
2.50
UR Ultra Red
20nm
1.90
2.50
UE Ultra Orange
20nm
1.90
2.50
UA Ultra Amber
AlGaInP
20nm
1.90
2.50
UY Ultra Yellow
AlGaInP
20nm
1.90
2.50
UG Ultra Green
AlGaInP
30nm
1.90
2.50
PG Ultra Pure Green
InGaN
36nm
2.80
3.80
BG Ultra Bluish Green InGaN
36nm
2.80
3.80
30nm
2.80
3.80
30nm
2.80
3.80
UW Ultra White
CCT:9500K
2.80
3.80
Note:
1.Luminous Intensity is based on the Foryard standards.
2.Pay attention about static for InGaN
Page
4/5
Emitting Color
Dice
Material
Value
Reverse Voltage
VR
IR=30
(Ta=25
℃)
FYS-23011G/HX-XX
B
Model No.
:FYS-23011G/HX-XX
■ Absolute maximum ratings
(Ta=25
℃)
GaAsP
AlGaAs/DH
650nm
Tstr
Operating Temperature
Unit
Test Condition
Peak Wave
Length(λP)
Spectral
Line
halfwidth(∆
λ1/2)
mA
mW
Standard brightness
Forward
Voltage(VF)
Unit:V
X=0.29,Y=0.30
UB
460nm
635nm
570nm
470nm
590nm
520nm
505nm
AlGaInP
625nm
AlGaInP
30~60~80
260~310
260~310
InGaN
40~100~150
50~140~190
InGaN
X=0.29,Y=0.30
180~200
26~38
13~18
625nm
GaAsP
GaAsP
0.7~1(mw)
60~120
20~30
InGaN
AlGaInP
640nm
30~60
430nm
6~12(mw)
60~100
460nm
520nm
InGaN
60nm
B
Blue
InGaN
Ultra brightness
Http://www.foryard.com
Segment-to-Segment Luminous Intensity ratio(Iv-M)
1.5:1
610nm
6~12(mw)
4~6(mw)
470nm
80~90~120
80~90~120
Ultra Blue
GaP
Pulse Current
Ipeak
Duty=0.1mS,1KHz
Forward Current
IF
Power Dissipation
Symbol
V
Pd
Parameter
14~18
570nm
590nm
15~20
14~20
610nm
1
Luminous
Intensity
(Iv)
Unit:mcd
AlGaAs/SH
660nm
700nm
GaP
13~18
mA
Storage Temperature
Topr


Similar Part No. - FYS-23011GX-00

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-23011GX-0 FORYARD-FYS-23011GX-0 Datasheet
329Kb / 4P
   LED DIGIT DISPLAY
FYS-23011GX-0 FORYARD-FYS-23011GX-0 Datasheet
267Kb / 5P
   LED DIGIT DISPLAY
More results

Similar Description - FYS-23011GX-00

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-23011IX-00 FORYARD-FYS-23011IX-00 Datasheet
391Kb / 5P
   2.30 Inch (56.80mm) digit height Single Digit Display
FYS-23011AX-00 FORYARD-FYS-23011AX-00 Datasheet
392Kb / 5P
   2.30 Inch (56.80mm) digit height Single Digit Display
FYS-23011CX-00 FORYARD-FYS-23011CX-00 Datasheet
392Kb / 5P
   2.30 Inch (56.80mm) digit height Single Digit Display
FYS-23012AX-00 FORYARD-FYS-23012AX-00 Datasheet
410Kb / 5P
   2.30 Inch (56.80mm) digit height Single Digit Display
FYS-23011AX-00 FORYARD-FYS-23011AX-00 Datasheet
389Kb / 5P
   2.30 Inch (56.80mm) digit height Single Digit Display
FYS-23011EX-00 FORYARD-FYS-23011EX-00 Datasheet
395Kb / 5P
   2.30 Inch (56.80mm) digit height Single Digit Display
logo
BRIGHT LED ELECTRONICS ...
BS-AD26RD BRIGHT-BS-AD26RD Datasheet
161Kb / 3P
   2.30(56.80MM)single DIGIT LED DISPLAY
BS-AD22RD BRIGHT-BS-AD22RD Datasheet
152Kb / 3P
   2.30(56.80MM) single DIGIT LED DISPLAY
logo
China Semiconductor Cor...
CSS-2314E CHINASEMI-CSS-2314E Datasheet
187Kb / 6P
   2.30 Inch Single Digit Display
CSS-2314T9 CHINASEMI-CSS-2314T9 Datasheet
187Kb / 7P
   2.30 Inch Single Digit Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com