Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYS-3912BX-11 Datasheet(PDF) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYS-3912BX-11
Description  0.39 Inch (10.00mm) digit height Single Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYS-3912BX-11 Datasheet(HTML) 3 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYS-3912BX-11 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3912BX-11 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3912BX-11 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3912BX-11 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3912BX-11 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Model No.
Rev.
■ All Light On Segments Feature & Pin Position
■ Internal Circuit Diagrams
Page
3/5
FYS-3912A/BX-XX
A
Model No.
:FYS-3912A/BX-XX
Http://www.foryard.com


Similar Part No. - FYS-3912BX-11

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-3912BX-1 FORYARD-FYS-3912BX-1 Datasheet
321Kb / 4P
   LED DIGIT DISPLAY
FYS-3912BX-1 FORYARD-FYS-3912BX-1 Datasheet
326Kb / 5P
   LED DIGIT DISPLAY
More results

Similar Description - FYS-3912BX-11

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-3912CX-00 FORYARD-FYS-3912CX-00 Datasheet
390Kb / 5P
   0.39 Inch (10.00mm) digit height Single Digit Display
FYS-3914AX-00 FORYARD-FYS-3914AX-00 Datasheet
384Kb / 5P
   0.39 Inch (10.00mm) digit height Single Digit Display
logo
BRIGHT LED ELECTRONICS ...
BS-A34DRD BRIGHT-BS-A34DRD Datasheet
75Kb / 1P
   0.39(10.00MM) SINGLE DIGIT DISPLAY
logo
Ningbo Foryard Optoelec...
FYT-3931AX-00 FORYARD-FYT-3931AX-00 Datasheet
475Kb / 5P
   0.39 Inch (10.00mm) digit height Three Digits Display
logo
BRIGHT LED ELECTRONICS ...
BS-AD44RD BRIGHT-BS-AD44RD Datasheet
139Kb / 3P
   0.39(10.00MM)single DIGIT LED DISPLAY
BS-C341RD-B BRIGHT-BS-C341RD-B Datasheet
140Kb / 3P
   0.39(10.00MM)single DIGIT LED DISPLAY
BS-C344RD BRIGHT-BS-C344RD Datasheet
144Kb / 3P
   0.39(10.00MM)single DIGIT LED DISPLAY
BS-AG2FRD BRIGHT-BS-AG2FRD Datasheet
182Kb / 3P
   0.39(10.00MM)single DIGIT LED DISPLAY
BS-C346RD BRIGHT-BS-C346RD Datasheet
146Kb / 3P
   0.39(10.00MM)single DIGIT LED DISPLAY
BS-A342RD-B BRIGHT-BS-A342RD-B Datasheet
148Kb / 3P
   0.39(10.00MM)single DIGIT LED DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com