Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYS-3912DX-32 Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYS-3912DX-32
Description  0.39 Inch (10.00mm) digit height Single Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYS-3912DX-32 Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYS-3912DX-32 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3912DX-32 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3912DX-32 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3912DX-32 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3912DX-32 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Model No.
Rev.
Min
5
-40
-40
■ Electrical-Optical Characteristics
Color Code & Chip Characteristics:(Test Condition:IF=20mA)
Typ
H
Red
90nm
2.00
S
Hi Red
20nm
1.80
D
Super Red
20nm
1.90
E
Orange
35nm
1.90
A
Amber
35nm
1.90
Y
Yellow
35nm
1.90
G
Green
10nm
1.90
3.40
2.80
2.80
PG Pure Green
36nm
2.80
W
White
CCT:9500K
2.80
UHR Ultra Hi Red
20nm
1.90
UR Ultra Red
20nm
1.90
UE Ultra Orange
20nm
1.90
UA Ultra Amber
AlGaInP
20nm
1.90
2.50
UY Ultra Yellow
AlGaInP
20nm
1.90
2.50
UG Ultra Green
AlGaInP
30nm
1.90
2.50
PG Ultra Pure Green
InGaN
36nm
2.80
3.80
BG Ultra Bluish Green InGaN
36nm
2.80
3.80
30nm
2.80
30nm
2.80
UW Ultra White
CCT:9500K
2.80
Note:
1.Luminous Intensity is based on the Foryard standards.
2.Pay attention about static for InGaN
Page
4/5
Max
Emitting Color
Dice
Material
2.50
Value
Reverse Voltage
VR
IR=30
(Ta=25
℃)
FYS-3912C/DX-XX
A
Model No.
:FYS-3912C/DX-XX
■ Absolute maximum ratings
(Ta=25
℃)
GaAsP
2.50
AlGaAs/DH
650nm
2.50
Tstr
+85
Operating Temperature
Max
Unit
Test Condition
Peak Wave
Length(λP)
Spectral
Line
halfwidth(∆
λ1/2)
mA
mW
Standard brightness
Forward
Voltage(VF) Unit:V
30
4.40
X=0.29,Y=0.30
3.80
UB
460nm
635nm
3.80
570nm
3.80
470nm
590nm
InGaN
520nm
505nm
AlGaInP
625nm
2.50
2.50
2.50
AlGaInP
180~200
30~60~80
260~310
260~310
X=0.29,Y=0.30
InGaN
40~100~150
50~140~190
26~38
13~18
625nm
GaAsP
GaAsP
2.50
2.50
0.7~1(mw)
60~120
20~30
InGaN
AlGaInP
640nm
30~60
430nm
6~12(mw)
60~100
3.80
460nm
520nm
InGaN
60nm
3.80
3.80
B
Blue
InGaN
Ultra brightness
Http://www.foryard.com
Segment-to-Segment Luminous Intensity ratio(Iv-M)
1.5:1
610nm
6~12(mw)
4~6(mw)
470nm
80~90~120
3.80
80~90~120
Ultra Blue
GaP
Pulse Current
Ipeak
Duty=0.1mS,1KHz
Forward Current
IF
Power Dissipation
Symbol
100
V
Pd
Parameter
14~18
570nm
590nm
15~20
14~20
610nm
1
Luminous
Intensity
(Iv)
Unit:mcd
AlGaAs/SH
660nm
700nm
GaP
2.50
+85
13~18
mA
150
2.50
Storage Temperature
Topr


Similar Part No. - FYS-3912DX-32

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-3912DX-3 FORYARD-FYS-3912DX-3 Datasheet
321Kb / 4P
   LED DIGIT DISPLAY
FYS-3912DX-3 FORYARD-FYS-3912DX-3 Datasheet
327Kb / 5P
   LED DIGIT DISPLAY
More results

Similar Description - FYS-3912DX-32

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-3914AX-00 FORYARD-FYS-3914AX-00 Datasheet
384Kb / 5P
   0.39 Inch (10.00mm) digit height Single Digit Display
FYS-3912AX-00 FORYARD-FYS-3912AX-00 Datasheet
391Kb / 5P
   0.39 Inch (10.00mm) digit height Single Digit Display
logo
BRIGHT LED ELECTRONICS ...
BS-A34DRD BRIGHT-BS-A34DRD Datasheet
75Kb / 1P
   0.39(10.00MM) SINGLE DIGIT DISPLAY
logo
Ningbo Foryard Optoelec...
FYT-3931AX-00 FORYARD-FYT-3931AX-00 Datasheet
475Kb / 5P
   0.39 Inch (10.00mm) digit height Three Digits Display
logo
BRIGHT LED ELECTRONICS ...
BS-AD44RD BRIGHT-BS-AD44RD Datasheet
139Kb / 3P
   0.39(10.00MM)single DIGIT LED DISPLAY
BS-C341RD-B BRIGHT-BS-C341RD-B Datasheet
140Kb / 3P
   0.39(10.00MM)single DIGIT LED DISPLAY
BS-C344RD BRIGHT-BS-C344RD Datasheet
144Kb / 3P
   0.39(10.00MM)single DIGIT LED DISPLAY
BS-AG2FRD BRIGHT-BS-AG2FRD Datasheet
182Kb / 3P
   0.39(10.00MM)single DIGIT LED DISPLAY
BS-C346RD BRIGHT-BS-C346RD Datasheet
146Kb / 3P
   0.39(10.00MM)single DIGIT LED DISPLAY
BS-A342RD-B BRIGHT-BS-A342RD-B Datasheet
148Kb / 3P
   0.39(10.00MM)single DIGIT LED DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com