Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYS-3212BX-44 Datasheet(PDF) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYS-3212BX-44
Description  0.32 Inch (8.00mm) digit height Single Digit Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYS-3212BX-44 Datasheet(HTML) 1 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYS-3212BX-44 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3212BX-44 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3212BX-44 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3212BX-44 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYS-3212BX-44 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Model No.
Rev.
NINGBO FORYARD OPTOELECTRONICS CO.,LTD
Add:NO.115 Qixin Road Ningbo Zhejiang China
Zip:315051
Tel: 0086-574-87933652 87927870 87922206
Fax: 0086-574-87927917
E-mail:Sales@foryard.com
( General)
Http://www.foryard.com
Page
1/5
■RoHS compliant.
■Low current operation
■Low power consumption.
Http://www.foryard.com
■Easy mounting on P.C. board or socket.
CUSTOMER APPROVED
SIGNATURES
PREPARED BY
PRODUCT SPECIFICATION
Model No.
:FYS-3212A/BX-XX
FYS-3212A/BX-XX
A
Descriptions & Features:
■0.32 Inch (8.00mm) digit height Single Digit Display
■Case mold type.
CHECKED BY
APPROVED BY


Similar Part No. - FYS-3212BX-44

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-3211ABX-XX FORYARD-FYS-3211ABX-XX Datasheet
328Kb / 4P
   LED DIGIT DISPLAY
FYS-3211AX FORYARD-FYS-3211AX Datasheet
328Kb / 4P
   LED DIGIT DISPLAY
FYS-3211AX FORYARD-FYS-3211AX Datasheet
333Kb / 5P
   LED DIGIT DISPLAY
FYS-3211AX-0 FORYARD-FYS-3211AX-0 Datasheet
328Kb / 4P
   LED DIGIT DISPLAY
FYS-3211AX-0 FORYARD-FYS-3211AX-0 Datasheet
333Kb / 5P
   LED DIGIT DISPLAY
More results

Similar Description - FYS-3212BX-44

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYS-3211AX-00 FORYARD-FYS-3211AX-00 Datasheet
407Kb / 5P
   0.32 Inch (8.00mm) digit height Single Digit Display
FYS-3211CX-XX FORYARD-FYS-3211CX-XX Datasheet
407Kb / 5P
   0.32 Inch (8.00mm) digit height Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-321SR-A PARALIGHT-A-321SR-A Datasheet
149Kb / 10P
   0.32 INCH SINGLE DIGIT DISPLAY
C-321G PARALIGHT-C-321G Datasheet
193Kb / 10P
   0.32 INCH SINGLE DIGIT DISPLAY
C-321SR-A PARALIGHT-C-321SR-A Datasheet
193Kb / 10P
   0.32 INCH SINGLE DIGIT DISPLAY
C-321E-EP-A PARALIGHT-C-321E-EP-A Datasheet
198Kb / 10P
   0.32 INCH SINGLE DIGIT DISPLAY
logo
LIGITEK electronics co....
LSD335-62V-XX-PF LIGITEK-LSD335-62V-XX-PF Datasheet
131Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-61-XX-RP3 LIGITEK-LSD335-61-XX-RP3 Datasheet
89Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-66-XX-RP38-PF LIGITEK-LSD335-66-XX-RP38-PF Datasheet
157Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
LSD335-62V-XX-RP6-PF LIGITEK-LSD335-62V-XX-RP6-PF Datasheet
130Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.32 Inch)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com