Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6130 Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6130
Description  Watchdog Timeout Period Externally Adjustable Voltage Detector
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6130 Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6130 Datasheet HTML 4Page - Torex Semiconductor XC6130 Datasheet HTML 5Page - Torex Semiconductor XC6130 Datasheet HTML 6Page - Torex Semiconductor XC6130 Datasheet HTML 7Page - Torex Semiconductor XC6130 Datasheet HTML 8Page - Torex Semiconductor XC6130 Datasheet HTML 9Page - Torex Semiconductor XC6130 Datasheet HTML 10Page - Torex Semiconductor XC6130 Datasheet HTML 11Page - Torex Semiconductor XC6130 Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8/30
XC6130/XC6131 Series
ELECTRICAL CHARACTERISTICS
XC6130 Series
PARAMETER
SYMBOL
CONDITIONS
Ta=25℃
-40℃≦Ta≦125℃(*9)
UNITS
CIRCUIT
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
Operating Voltage
VIN
1.5
-
6.0
1.5
-
6.0
V
Detect Voltage
VDFL
VDF(T)(*1)=1.6~5.0V
VDF(T)
×0.99
VDF(T)
VDF(T)
×1.01
VDF(T)
×0.975
VDF(T)
VDF(T)
×1.025
V
Temperature
Characteristics
∆VDFL/
(∆Topr・VDFL)
-40℃≦Topr≦125℃
-
±50
-
-
±50
-
ppm /℃
Hysteresis
Width
VHYS
VDFL
×0.04
VDFL
×0.05
VDFL
×0.06
VDFL
×0.03
VDFL
×0.05
VDFL
×0.07
V
Supply Current
Iss
VIN=VDF(T) ×0.9V
-
8.1
12.1
-
8.1
14.0
μA
VIN=VDF(T) ×1.1V
-
9.8
12.6
-
9.8
13.6
Output Current
IRBOUT
N-ch.
VRESETB=0.3V
VIN=1.5V
2.6
3.5
-
1.4
3.5
-
mA
VIN=2.0V(*2)
4.9
6.0
-
3.0
6.0
-
VIN=3.0V(*3)
9.2
10.3
-
5.8
10.3
-
VIN=4.0V(*4)
12.3
13.8
-
7.7
13.8
-
Leak Current
ILeak
VIN=6.0V,VRESETB=6.0
-
0.01
0.1
-
0.01
1
μA
Cd Pin Sink Current
Icd
VIN=1.5V, VCd=0.7V
530
770
-
295
770
-
Release Delay
Time1(*5)
tDR1
VIN=1.5V→VDF(T)×1.1V, Cd=0.01μF
8.5
10.0
11.5
7
10.0
12
ms
Release Delay
Time2(*6)
tDR2
VIN=VDF(T)×1.1V, Cd=0.01μF
0.85
1.0
1.15
0.7
1.0
1.2
Watchdog Timeout
Period(*7)
tWD
VIN=VDF(T)×1.1V,
Cd=0.01μF,WD=VSS
8.5
10.0
11.5
7
10.0
12
Detect Delay Time(*8)
tDF
VIN=VDF(T)×1.1V→1.5V, Cd=0.01μF
-
10.0
50
-
10.0
100
μs
Watchdog
Minimum
Pulse Width
tWDIN
VIN=6.0V,
Apply pulse from 6.0V to 0V
to the WD pin.
100
-
-
100
-
-
ns
Watchdog
High Level Voltage
VWDH
VIN=VDF(T)×1.1V→6.0V
VIN×0.7
-
6
VIN×0.7
-
6
V
Watchdog
Low Level Voltage
VWDL
VIN=VDF(T)×1.1V→6.0V
0
-
VIN×0.3
0
-
VIN×0.3
V
Watchdog
Pull-down Resistance
RWD
VWD=6.0V, RWD=VWD/IWD
280
550
1100
220
550
1350
kΩ
MRB High Level
Voltage
VMRH
VIN=VDF(T)×1.1V~6.0V
1.3
-
VIN
1.3
-
VIN
V
MRB Low Level
Voltage
VMRL
0
-
0.45
0
-
0.45
V
MRB Pull-up
Resistance
RMR
VIN=6.0V,
VMRB=0V, RMR=VIN/IMRB
300
800
1200
230
800
1420
kΩ
MRB Minimum
Pulse Width
tMRIN
VIN=6.0V,
Apply pulse from 6.0V to 0V
to the MRB pin.
1.0
-
-
1.0
-
-
μs
NOTE:
*The WD pin and MRB pin are open unless otherwise specified in the measurement conditions.
(*1) VDF(T): Nominal detect voltage
(*2) For VDF(T)>2.0V products only.
(*3) For VDF(T)>3.0V products only.
(*4) For VDF(T)>4.0V products only.
(*5) Until time when RESETB pin shows release status after VIN reached the release voltage.
Release voltage (VDR) = Detect voltage (VDFL) + Hysteresis width (VHYS)
(*6) The time to change the status of RESETB pin from the detect-status after the watchdog-timeout happens with the condition of WD=VSS.
(*7) The time to change the status of RESETB pin from the release-status to the detect-status with the condition of WD=VSS.
(*8) When VIN is changed during watchdog timeout time, until time when RESETB pin shows detect status after VIN reached the detect voltage.
(*9)
The ambient temperature range (-40℃≦Ta≦125℃) is design Value.


Similar Part No. - XC6130

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6132 TOREX-XC6132 Datasheet
824Kb / 30P
   Delay capacitor adjustable voltage detectors with sense pin isolation
XC6133 TOREX-XC6133 Datasheet
559Kb / 28P
   Delay capacitor adjustable voltage detectors with sense pin isolation
XC6134 TOREX-XC6134 Datasheet
531Kb / 28P
   Delay capacitor adjustable voltage detectors with sense pin isolation
XC6135 TOREX-XC6135 Datasheet
574Kb / 27P
   Ultra-Low Power (44nA) Voltage Detector with Separated Sense Pin
XC6135C TOREX-XC6135C Datasheet
574Kb / 27P
   Ultra-Low Power (44nA) Voltage Detector with Separated Sense Pin
More results

Similar Description - XC6130

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XD6130 TOREX-XD6130 Datasheet
1Mb / 30P
   Watchdog Timeout Period Externally Adjustable Voltage Detector
logo
Maxim Integrated Produc...
MAX16997 MAXIM-MAX16997 Datasheet
154Kb / 16P
   High-Voltage Watchdog Timers with Adjustable Timeout Delay
Rev 1; 4/09
MAX6746 MAXIM-MAX6746_11 Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6753KA29-T MAXIM-MAX6753KA29-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746 MAXIM-MAX6746 Datasheet
214Kb / 14P
   UP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
19-2530; Rev 2; 8/03
MAX6747KA46-T MAXIM-MAX6747KA46-T Datasheet
176Kb / 14P
   μP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 6; 4/11
MAX6746 MAXIM-MAX6746_10 Datasheet
159Kb / 14P
   uP Reset Circuits with Capacitor-Adjustable Reset/Watchdog Timeout Delay
Rev 4; 9/10
logo
Rohm
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD99A41F ROHM-BD99A41F Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com