Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6132 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6132
Description  Delay capacitor adjustable voltage detectors with sense pin isolation
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6132 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6132 Datasheet HTML 1Page - Torex Semiconductor XC6132 Datasheet HTML 2Page - Torex Semiconductor XC6132 Datasheet HTML 3Page - Torex Semiconductor XC6132 Datasheet HTML 4Page - Torex Semiconductor XC6132 Datasheet HTML 5Page - Torex Semiconductor XC6132 Datasheet HTML 6Page - Torex Semiconductor XC6132 Datasheet HTML 7Page - Torex Semiconductor XC6132 Datasheet HTML 8Page - Torex Semiconductor XC6132 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1/30
XC6132 Series
Delay capacitor adjustable voltage detectors with sense pin isolation,
surge voltage protection and HYS external adjustment
Cd/MRB
RESET
RESETB
VIN
VSS
HYS
VSEN
VDD
GND
+B
R1
R2
R3
Rpull(*1)
RESET
SW
Cd
Battery (+B) voltage monitoring: Detects high voltage
via R1/R2 resistance division.
A hysteresis width can be added as desired by
connecting R3 between the VSEN and HYS pins
(For details, refer to OPERATIONAL DESCRIPTION).
GENERAL DESCRIPTION
The XC6132 series are ultra-small delay capacitor adjustable type voltage detectors that have high accuracy and sense pin
isolation. High accuracy and a low supply current are achieved by means of a CMOS process, a highly accurate reference
power supply, and laser trimming technology.
The sense pin is isolated from the power input pin to enable monitoring of the voltage of another power supply. Output can
be maintained in the detection state even if the voltage of the power supply that is monitored drops to 0V. The sense pin is
also suitable for detecting high voltages, and the detection and release voltage can be set as desired using external
resistors. An internal surge voltage protection circuit and an internal delay circuit are also provided.
By connecting a capacitor to the Cd/MRB pin, any release delay time and detect delay time can be set and the pin can also
be used as a manual reset pin.
The HYS external adjustment pin can be used to establish a sufficient hysteresis width.
APPLICATIONS
Microcontroller reset and malfunction monitoring
Battery voltage monitoring
System power-on reset
Power failure detection
TYPICAL APPLICATION CIRCUIT
ETR02032-001
FEATURES
Operating Ambient Temperature : -40℃~+125℃
Operating voltage range
: 1.6V~6.0V
Detect voltage range
: 0.8V~2.0V
Detect voltage accuracy
(Ta=25℃)
: ±18mV(VDF<1.5V)
: ±1.2%(1.5V≦VDF≦2.0V)
Detect voltage accuracy
(Ta=-40~125℃)
: ±36mV(VDF<1.5V)
: ±2.7%(1.5V≦VDF≦2.0V)
Temperature Characteristics
: ±50ppm/℃(TYP.)
Hysteresis width
: VDF×0.1%(TYP.)
Adjustable Pin for Hysteresis Width : Yes
Low supply current
: 1.28μA(TYP.)
VIN=1.6V(At detection)
: 1.65μA(TYP.)
VIN=6.0V(At release)
Manual reset function
: Yes (For details, refer to
FUNCTION CHART)
Output type
: CMOS or Nch open drain
Output logic
: H level or L level at detection
Delay capacitance pin
: Release delay / detection delay
can be set in 5 time ratio options
(For details, refer to Selection Guide).
Sense pin
: Includes a surge voltage protection
function
Packages
: USP-6C,SOT-26
Environment friendly
: EU RoHS compliant, Pb free
TYPICAL PERFORMANCE
CHARACTERISTICS
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
01
2345
678
9
10
Voltage Sense : V
SEN(V)
XC6132C10E
OPEN
R1=330kΩ
R1=560kΩ
VIN=3.3V
VSEN=0V→10V→0V
R2=100kΩ、R3=330kΩ


Similar Part No. - XC6132

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6130 TOREX-XC6130 Datasheet
501Kb / 30P
   Watchdog Timeout Period Externally Adjustable Voltage Detector
XC6133 TOREX-XC6133 Datasheet
559Kb / 28P
   Delay capacitor adjustable voltage detectors with sense pin isolation
XC6134 TOREX-XC6134 Datasheet
531Kb / 28P
   Delay capacitor adjustable voltage detectors with sense pin isolation
XC6135 TOREX-XC6135 Datasheet
574Kb / 27P
   Ultra-Low Power (44nA) Voltage Detector with Separated Sense Pin
XC6135C TOREX-XC6135C Datasheet
574Kb / 27P
   Ultra-Low Power (44nA) Voltage Detector with Separated Sense Pin
More results

Similar Description - XC6132

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6134 TOREX-XC6134 Datasheet
531Kb / 28P
   Delay capacitor adjustable voltage detectors with sense pin isolation
XD6132 TOREX-XD6132 Datasheet
547Kb / 28P
   Delay capacitor adjustable voltage detectors with sense pin isolation
XD6133 TOREX-XD6133 Datasheet
600Kb / 28P
   Delay capacitor adjustable voltage detectors with sense pin isolation
XC6133 TOREX-XC6133 Datasheet
559Kb / 28P
   Delay capacitor adjustable voltage detectors with sense pin isolation
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118 TOREX-XC6118 Datasheet
355Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
   Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XC6108 TOREX-XC6108 Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
logo
STMicroelectronics
STM1831 STMICROELECTRONICS-STM1831 Datasheet
603Kb / 24P
   Voltage detector with sense input and external delay capacitor
logo
E-CMOS Corporation
EC95810 E-CMOS-EC95810 Datasheet
931Kb / 15P
   Voltage Detectors with Built-in Delay Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com