Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6231 Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6231
Description  竊?V Input, 500mA, High Speed LDO Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6231 Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6231 Datasheet HTML 3Page - Torex Semiconductor XC6231 Datasheet HTML 4Page - Torex Semiconductor XC6231 Datasheet HTML 5Page - Torex Semiconductor XC6231 Datasheet HTML 6Page - Torex Semiconductor XC6231 Datasheet HTML 7Page - Torex Semiconductor XC6231 Datasheet HTML 8Page - Torex Semiconductor XC6231 Datasheet HTML 9Page - Torex Semiconductor XC6231 Datasheet HTML 10Page - Torex Semiconductor XC6231 Datasheet HTML 11Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8/11
XC6231Series
PACKAGING INFORMATION
SOT-89-5 (unit: mm)


Similar Part No. - XC6231

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6230 TOREX-XC6230 Datasheet
1Mb / 26P
   Adjustable Voltage Output Multifunction 2A High Speed LDO Regulator
XC6233 TOREX-XC6233 Datasheet
827Kb / 30P
   囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 200mA 遙섌?LDO ?с궙?γ꺃?쇈궭
XC6233H121GR-G TOREX-XC6233H121GR-G Datasheet
827Kb / 30P
   囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 200mA 遙섌?LDO ?с궙?γ꺃?쇈궭
XC6233H121MR-G TOREX-XC6233H121MR-G Datasheet
827Kb / 30P
   囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 200mA 遙섌?LDO ?с궙?γ꺃?쇈궭
XC6233H121NR-G TOREX-XC6233H121NR-G Datasheet
827Kb / 30P
   囹곩뀯?삥탛?꿩?艅잒꺗餓섅걤 200mA 遙섌?LDO ?с궙?γ꺃?쇈궭
More results

Similar Description - XC6231

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1923 UTC-L1923 Datasheet
198Kb / 7P
   500mA HIGH PSRR LDO REGULATORS
L1923 UTC-L1923_11 Datasheet
216Kb / 7P
   500mA HIGH PSRR LDO REGULATORS
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
132Kb / 13P
   High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
   High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
   High Speed LDO Regulators
logo
Torex Semiconductor
XC6204A18AM TOREX-XC6204A18AM Datasheet
336Kb / 26P
   High Speed LDO Regulators
logo
Global Mixed-mode Techn...
G916-500 GMT-G916-500 Datasheet
48Kb / 1P
   500mA High PSRR, Low Noise, LDO Regulators
logo
Rohm
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
logo
Torex Semiconductor
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com