Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6503 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6503
Description  CL Capacitor-Less 500mA Low Power Consumption High Speed LDO Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6503 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6503 Datasheet HTML 1Page - Torex Semiconductor XC6503 Datasheet HTML 2Page - Torex Semiconductor XC6503 Datasheet HTML 3Page - Torex Semiconductor XC6503 Datasheet HTML 4Page - Torex Semiconductor XC6503 Datasheet HTML 5Page - Torex Semiconductor XC6503 Datasheet HTML 6Page - Torex Semiconductor XC6503 Datasheet HTML 7Page - Torex Semiconductor XC6503 Datasheet HTML 8Page - Torex Semiconductor XC6503 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3/26
XC6503
Series
PRODUCT CLASSIFICATION
Ordering Information
XC6503D with ON/OFF function
XC6503①②③④⑤⑥-⑦(
*1)
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
Type of Regulator (
*2)
D
CE Active High, with CE Pull-down, CL discharge
②③
Output Voltage (
*3)
12~50
ex.) ②=2, ③=8 → 2.8V
Output Accuracy
1
±0.02V (1.2~1.9V)、±1% (2.0~5.0V)
GR-G
USP-4 (3,000/Reel)
MR-G
SOT-25 (3,000/Reel)
⑤⑥-⑦
Packages (Order Unit)
PR-G
SOT-89-5 (1,000/Reel)
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully EU RoHS compliant.
(*2)
For without CE Pull-down or without CL discharge function, please contact your local Torex sales office or representative.
(*3)
For the output voltage in 0.05V increments, please contact your local Torex sales office or representative.
Ordering Information XC6503P 3-Terminal regulator
XC6503①②③④⑤⑥-⑦(
*1)
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
Type of Regulator
P
3-Terminal regulator, without CE pin
Output Voltage
(*2)
12~50
ex.) ②=2、③=8 → 2.8V
②③
Output Accuracy
1
±0.02V (1.2~1.9V)、±1% (2.0~5.0V)
Packages (Order Unit)
PR-G
SOT-89 (1,000/Reel)
⑤⑥-⑦
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully RoHS compliant.
(*2)
For the output voltage in 0.05V increments, please contact your local Torex sales office or representative.


Similar Part No. - XC6503

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501 TOREX-XC6501 Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501 TOREX-XC6501 Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A1217R-G TOREX-XC6501A1217R-G Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A121GL TOREX-XC6501A121GL Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501A121GR TOREX-XC6501A121GR Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
More results

Similar Description - XC6503

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9203 UTC-LR9203 Datasheet
238Kb / 9P
   CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR
logo
Torex Semiconductor
XC6501 TOREX-XC6501_1 Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501 TOREX-XC6501 Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6504 TOREX-XC6504 Datasheet
1Mb / 32P
   0.6A Ultra Low Power Consumption Small Voltage Regulator (CL Capacitor-Less)
logo
Shenzhen Huazhimei Semi...
HM6202 HMSEMI-HM6202 Datasheet
1,005Kb / 5P
   No capacitor CL low power current LDO linear regulator
logo
Torex Semiconductor
XC6505 TOREX-XC6505 Datasheet
793Kb / 24P
   Low Power Consumption, High Speed 200mA LDO Regulator - 10.5V Input
logo
Jingjing Microelectroni...
EG6501 EGMICRO-EG6501 Datasheet
731Kb / 10P
   Low output capacity, low power consumption, high speed LDO voltage regulator
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
   OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
logo
Shenzhen Huazhimei Semi...
HM6215 HMSEMI-HM6215_17 Datasheet
897Kb / 7P
   Low Consumption Current High PSRR 500mA CMOS LDO
logo
Seiko Instruments Inc
S1315 SII-S1315 Datasheet
927Kb / 43P
   LOW CURRENT CONSUMPTION OUTPUT CAPACITOR-LESS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com