Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC8109 Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC8109
Description  85m廓 High Function Power Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC8109 Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC8109 Datasheet HTML 6Page - Torex Semiconductor XC8109 Datasheet HTML 7Page - Torex Semiconductor XC8109 Datasheet HTML 8Page - Torex Semiconductor XC8109 Datasheet HTML 9Page - Torex Semiconductor XC8109 Datasheet HTML 10Page - Torex Semiconductor XC8109 Datasheet HTML 11Page - Torex Semiconductor XC8109 Datasheet HTML 12Page - Torex Semiconductor XC8109 Datasheet HTML 13Page - Torex Semiconductor XC8109 Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10/26
XC8109 Series
OPERATIONAL EXPLANATION (Continued)
<Current limiter, short-circuit protection>
When the output current reaches the current limit value, the constant current limit circuit activates and as a result, the output
voltage goes down.
If the short circuit comes at the VOUT pin, the output current is limited to the current which is specified as the short-circuit
current value. In over-current states, after output voltage drops and the situation is kept for 7.5ms (TYP.), the FLG pin changes
to Low level output.
Two types are available for the current limiter circuit: an auto recovery type (product type C) and a latch off type (product type
D). After the current limiter circuit activates and the FLG pin outputs low level, the operation is different between these two types.
The auto recovery type continuously limits the output current by the current limit value.
In over-current states, after output voltage returns to normal and the situation is kept for 7.5ms (TYP.), the voltage of FLG pin
goes up “H” level again.
The latch off type turns off the power switch transistor after the FLG pin outputs Low level. The off state is maintained
regardless of whether the over-current state is released.
Latch operation is released by turning off the IC with the CE pin signal and then restarting, or by lowering the input voltage
below the UVLO detected voltage once and after that raising it higher than UVLO released voltage.
<Current limit external adjustment function>
By connecting a resistor to the current limit external adjustment pin (ILIM pin), the current limit can be set to any value.
By the following equations, the current limit value can be set to any value within a range of 75mA to 1300mA. When the ILIM pin
is open, the switch transistor is forcibly turned off.
(In the case of ILIMIT(T)≧500mA.)
equation 1. RILIM(kΩ) = 32164 / ILIMIT(T)(mA) – 25.71(kΩ)
(In the case of ILIMIT(T)<500mA.)
equation 2. RILIM(kΩ) = 130170 / ILIMIT(T)(mA) 1.2814(kΩ)
RILIM: External resistance value ILIMIT(T): Current limit set value
Table1. Current limit set value
ILIMIT(T)
(mA)
RILIM
(kΩ)
E96 External
resistance value
(kΩ)
Current limit value when use
E96 external resistance (mA)(*)
MIN.
TYP.
MAX.
75
515
511
49
75
102
100
356
357
69
100
131
200
147
147
156
200
243
300
87.2
86.6
241
302
362
400
60.3
60.4
314
399
485
500
38.6
38.3
427
503
578
600
27.9
28.0
509
599
689
700
20.2
20.0
598
704
809
800
14.5
14.7
716
796
876
900
10.0
10.0
811
901
991
1000
6.46
6.49
899
999
1099
1100
3.53
3.57
989
1099
1208
1200
1.09
1.10
1080
1200
1320
1300
ILIM shorted to VSS
1170
1300
1430
(*) MIN. value and MAX. value are reference values.


Similar Part No. - XC8109

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8101 TOREX-XC8101 Datasheet
596Kb / 32P
   High Side Line Switch with Low Supply Current
XC8101-12 TOREX-XC8101-12 Datasheet
705Kb / 37P
   High Side Load Switch with Low Supply Current
XC8101AA01GL TOREX-XC8101AA01GL Datasheet
596Kb / 32P
   High Side Line Switch with Low Supply Current
XC8101AA01GR TOREX-XC8101AA01GR Datasheet
596Kb / 32P
   High Side Line Switch with Low Supply Current
XC8101AA01GR-G TOREX-XC8101AA01GR-G Datasheet
705Kb / 37P
   High Side Load Switch with Low Supply Current
More results

Similar Description - XC8109

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC8107-13 TOREX-XC8107-13 Datasheet
707Kb / 27P
   85m廓 High Function Power Switch
XC8107 TOREX-XC8107_13 Datasheet
707Kb / 27P
   85m廓 High Function Power Switch
XC8108 TOREX-XC8108_13 Datasheet
660Kb / 25P
   85m廓 High Function Power Switch
XC8107 TOREX-XC8107 Datasheet
695Kb / 27P
   85m廓 High Function Power Switch
XC8108 TOREX-XC8108 Datasheet
658Kb / 25P
   85m廓 High Function Power Switch
XC8108-13 TOREX-XC8108-13 Datasheet
660Kb / 25P
   85m廓 High Function Power Switch
XC8107-15 TOREX-XC8107-15 Datasheet
707Kb / 27P
   High Function Power Switch
XC8108 TOREX-XC8108_15 Datasheet
660Kb / 25P
   High Function Power Switch
logo
SeCoS Halbleitertechnol...
SSF7400 SECOS-SSF7400 Datasheet
428Kb / 4P
   30V , 1.7A , RDS(ON) 85m廓 N-Ch Enhancement Mode Power MOSFET
logo
Shenzhen Huazhimei Semi...
HM9701C HMSEMI-HM9701C Datasheet
523Kb / 4P
   100m廓 power switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com