Electronic Components Datasheet Search |
|
SU12KRT4UHW Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved |
|
SU12KRT4UHW Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved |
1 / 6 page SmartOnline 200-240V 12kVA 10.8kW On-Line Double-Conversion UPS, N+1, Extended Run, SNMP, Webcard, 8U Rack/Tower, USB, DB9 Serial, Hardwire MODEL NUMBER: SU12KRT4UHW Description Tripp Lite SU12KRT4UHW 12,000VA / 12Kva / 10,800 watt online, double-conversion UPS system offers complete power protection for critical server, network and telecommunications equipment in an 8U rack/tower configuration. This system delivers complete N+1 redundancy when used at loads up to 6kVA, and non-redundant operation at loads between 6 and 12kVA. Fault-tolerant auto-bypass prevents unexpected service interruptions during UPS overload or internal fault conditions. Included parallel PDU with manual bypass switching enables hot-swappable replacement of all major UPS system components in both N+1 and combined operating modes. Enhanced availability, fault tolerance and simple hot-swap replacement options make this UPS ideal for advanced networking applications in data centers, computer rooms, network closets and rugged industrial locations. Features Tripp Lite SU12KRT4UHW 12kVA, 12,000VA / 10,800 watt on-line, double-conversion UPS system in 8U total rack/tower configuration Unique configuration offers 12kVA non-redundant operation and automatic N+1 redundancy at load levels of 6kVA and under Included Parallel PDU with manual bypass switch enables hot-swap replacement of power modules at any supported load level Hardwire input and output connections Maintains sine wave output within 2% of selectable 200/208/220/230/240V nominal Supports 50/60Hz operation for worldwide frequency compatibility Expandable runtime with optional external battery packs Some external battery configurations require the use of Tripp Lite's External Battery Configuration Software (see manual) Battery independent restart Highly efficient economy mode option Optional SNMPWEBCARD; RELAYIOCARD and RELAYIOMINI interface modules available (RELAYIOMINI requires removal of USB interface module) Applications utilizing the optional network communications card require two SNMPWEBCARD accessories (install one per included power module) HID-compliant USB interface enables integration with built-in power management and auto shutdown features of Windows and Mac OS X Highlights 12kVA / 12,000VA / 10,800 watt on-line double-conversion 8U rack/tower UPS 200/208/220/230/240V +/-2% 50/60Hz output, Economy mode option Hot-swap power & battery modules, N+1 fault tolerance at loads up to 6kVA USB, RS232, EPO ports, Slot for optional SNMP/WEB & other card options Front panel LEDs, Detailed LCD monitoring and control screen Expandable runtime with optional external battery packs Package Includes 2 SU6000RT4UHVPM UPS Power Modules SUPDMB12KHW Detachable PDU with manual bypass switch 4 post compatible rack rail kit (2 sets) PowerAlert software and complete data cabling 1 / 6 |
Similar Part No. - SU12KRT4UHW |
|
Similar Description - SU12KRT4UHW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |