Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856731 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # 856731
Description  192 MHz SAW Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856731 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  856731_15 Datasheet HTML 1Page - TriQuint Semiconductor 856731_15 Datasheet HTML 2Page - TriQuint Semiconductor 856731_15 Datasheet HTML 3Page - TriQuint Semiconductor 856731_15 Datasheet HTML 4Page - TriQuint Semiconductor 856731_15 Datasheet HTML 5Page - TriQuint Semiconductor 856731_15 Datasheet HTML 6Page - TriQuint Semiconductor 856731_15 Datasheet HTML 7Page - TriQuint Semiconductor 856731_15 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
856731
192 MHz SAW Filter
Data Sheet: Rev A 12/08/11
- 3 of 8 -
Disclaimer: Subject to change without notice e
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Reference Design
– 50 SE Input, 50 SE Output
Schematic
50
Single-ended
Input
1,2,3,5,6
7,8,9,11,12
50
24nH
18pF
10
4
62nH
50
36nH
50
Single-ended
Output
Notes:
1.
Actual matching values may vary due to PCB layout and parasitic
PC Board
Mounting Configuration
C1
L3
960685
L1
L2
856731
JJJYHH
TriQuint
5.71
.99
7.21
1.34
1.34
.99
.28
.28
Notes:
Top, middle & bottom layers: 1 oz copper
Substrates: FR4 dielectric, .031” thick
Finish plating: Nickel: 3-8µm thick, Gold: .03-.2µm thick
Hole plating: Copper min .0008µm thick
Notes:
1.
All dimensions are in millimeters.
2.
This footprint represents a recommendation only.
Bill of Material
Reference Desg.
Value
Description
Manufacturer
Part Number
L1
36nH
Coil Wire-wound, 0603, 5%
MuRata
LQW18AN36NJ00
L2
24nH
Coil Wire-wound, 0603, 5%
MuRata
LQW18AN24NJ00
L3
62nH
Coil Wire-wound, 0603, 5%
MuRata
LQW18AN62NJ00
C1
18pF
Chip Ceramic, 0603, 5%
MuRata
GRM1885C1H180JA01
SMA
N/A
SMA connector
Johnson Components
142-0701-801
PCB
N/A
3-layer
multiple
960686


Similar Part No. - 856731_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856738 TRIQUINT-856738 Datasheet
984Kb / 6P
   2140 MHz SAW Filter
856738-EVB TRIQUINT-856738-EVB Datasheet
984Kb / 6P
   2140 MHz SAW Filter
856738 TRIQUINT-856738_15 Datasheet
984Kb / 6P
   2140 MHz SAW Filter
More results

Similar Description - 856731_15

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1131A TAI-SAW-TB1131A Datasheet
111Kb / 7P
   192 MHz 60MHz BW SMD 7.0 x 5.0 mm SAW IF Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com