Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856738 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856738
Description  2140 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856738 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856738_15 Datasheet HTML 1Page - TriQuint Semiconductor 856738_15 Datasheet HTML 2Page - TriQuint Semiconductor 856738_15 Datasheet HTML 3Page - TriQuint Semiconductor 856738_15 Datasheet HTML 4Page - TriQuint Semiconductor 856738_15 Datasheet HTML 5Page - TriQuint Semiconductor 856738_15 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
856738
2140 MHz SAW Filter
Data Sheet: Rev B 03-14-2014
- 2 of 6 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−40 to +85 °C
DC Voltage (instantaneous only on any port)
+5 V
Input Power
(1)
+10 dBm
Notes:
1. Operation of this device outside the parameter ranges given may
cause permanent damage.
Electrical Specifications
(1,2,3)
Test conditions unless otherwise noted:
(2) Temp= −30 °C to +85 °C
Parameter
(3)
Conditions
Min
Typ
(4)
Max
Units
Center Frequency
-
2140
-
MHz
Insertion Loss
2110
– 2170 MHz
-
2.3
3.5
dB
Amplitude Variation
2110
– 2170 MHz
0.9
1.5
dB p-p
Absolute Attenuation
(relative to zero dB)
10
– 1980 MHz
1980
– 2025 MHz
2025
– 2050 MHz
2225
– 2260 MHz
2260
– 3000 MHz
25
30
25
30
25
27
33
31
36
30
-
-
-
-
-
dB
Input/Output Return Loss
2110
– 2170 MHz
8
12
-
dB-
Source Impedance
(5)
single-ended
-
50
-
Ohms
Load Impedance
(5)
single-ended
-
50
-
Ohms
Notes:
1. All specifications are based on the test circuit shown below.
2. Production test is performed at room temp. to a guard-banded specification to ensure electrical compliance over temperature.
3. Electrical margin has been built into the design to account for variation due to temperature drift and manufacturing tolerances.
4. Typical values are based on average measurements at room temperature
5. This is the optimum impedance in order to achieve the performance shown.


Similar Part No. - 856738_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856731 TRIQUINT-856731 Datasheet
1Mb / 8P
   192 MHz SAW Filter
856731-EVB TRIQUINT-856731-EVB Datasheet
1Mb / 8P
   192 MHz SAW Filter
856731 TRIQUINT-856731_15 Datasheet
1Mb / 8P
   192 MHz SAW Filter
More results

Similar Description - 856738_15

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2225E MURATA-SF2225E Datasheet
489Kb / 5P
   2140 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1433C TAI-SAW-TA1433C Datasheet
395Kb / 8P
   SAW Filter 2140 MHz
TA1433A TAI-SAW-TA1433A Datasheet
232Kb / 8P
   SAW Filter 2140 MHz
TA1587A TAI-SAW-TA1587A Datasheet
143Kb / 8P
   SAW Filter 2140 MHz
logo
TriQuint Semiconductor
856562 TRIQUINT-856562_15 Datasheet
478Kb / 5P
   2140 MHz SAW Filter
logo
RF Monolithics, Inc
SF2225E RFM-SF2225E Datasheet
489Kb / 5P
   2140 MHz SAW Filter
logo
TriQuint Semiconductor
855937 TRIQUINT-855937 Datasheet
490Kb / 5P
   2140 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1845B TAI-SAW-TA1845B Datasheet
601Kb / 9P
   SAW Filter 2140 MHz
TA1396A TAI-SAW-TA1396A Datasheet
265Kb / 8P
   SAW Filter 2140 MHz BW60MHz
logo
API Technologies Corp
SF2140BA02540S APITECH-SF2140BA02540S Datasheet
168Kb / 3P
   2140 MHz SAW Filter 60 MHz bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com