Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856764-EVB Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # 856764-EVB
Description  781.5 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856764-EVB Datasheet(HTML) 5 Page - TriQuint Semiconductor

  856764-EVB Datasheet HTML 1Page - TriQuint Semiconductor 856764-EVB Datasheet HTML 2Page - TriQuint Semiconductor 856764-EVB Datasheet HTML 3Page - TriQuint Semiconductor 856764-EVB Datasheet HTML 4Page - TriQuint Semiconductor 856764-EVB Datasheet HTML 5Page - TriQuint Semiconductor 856764-EVB Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
856764
781.5 MHz SAW Filter
Data Sheet: Rev C 1/24/13
- 5 of 6 -
Disclaimer: Subject to change without notice e
© 2013 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Mechanical Information
Package Information, Dimensions and Marking
0.69
1.22 NOM.
1.32 MAX.
0.75
0.60
1.50
0.75
3.00
3.00
DW
code
Marking
Date code
JJJYM
logo
ID dot
TriQuint
Package Style: SMP-12A
Dimensions: 3.00 x 3.00 x 1.22 mm
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 0.5 - 1.0μm, over a 2-6μm Ni
plating
All dimensions shown are nominal in millimeters
All tolerances are ±0.15mm except overall length and width
±0.10mm
The date code consists of: day of the current year (Julian,
3 digits), Y = last digit of the year, and M = manufacturing
site code
Tape and Reel Information
Standard T/R size = 5000 units/reel. All dimensions are in millimeters
3.25
Section A-A
1.75
Ø1.5
4.0
A
12.0
5.5
Ø1.5
4.0
2.0
3.25
1.4
0.21
A
Ø102
Ø20.2
Ø13.0
2.0
Direction of travel
Ø330
12.8
2.7
logo
ID dot
TriQuint


Similar Part No. - 856764-EVB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8567 ETC2-8567 Datasheet
310Kb / 1P
   PHENOLIC INSTRUMENT CASES
logo
TriQuint Semiconductor
856700 TRIQUINT-856700_15 Datasheet
416Kb / 5P
   1227.6 MHz SAW Filter
856704 TRIQUINT-856704 Datasheet
331Kb / 6P
   836.5 MHz SAW Filter
856704-EVB TRIQUINT-856704-EVB Datasheet
331Kb / 6P
   836.5 MHz SAW Filter
856704 TRIQUINT-856704_15 Datasheet
331Kb / 6P
   836.5 MHz SAW Filter
More results

Similar Description - 856764-EVB

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1017A TAI-SAW-TA1017A Datasheet
372Kb / 6P
   SAW Filter 781.5 MHz
TA1609A TAI-SAW-TA1609A Datasheet
198Kb / 6P
   SAW Filter 781.5 MHz
TA1239A TAI-SAW-TA1239A Datasheet
459Kb / 6P
   SAW Filter 781.5 MHz
TA1017B TAI-SAW-TA1017B Datasheet
402Kb / 6P
   SAW Filter 781.5 MHz
logo
Golledge Electronics Lt...
MP02750 GOLLEDGE-MP02750 Datasheet
119Kb / 5P
   SAW Filter 781.5 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com