Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SU40K Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SU40K
Description  SmartOnline 40kVA Modular 3-Phase UPS System,On-line Double-Conversion UPS for North America
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU40K Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SU40K Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU40K Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU40K Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU40K Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU40K Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SmartOnline 40kVA Modular 3-Phase UPS System,
On-line Double-Conversion UPS for North America
MODEL NUMBER: SU40K
Description
Tripp Lite's SU40K (40kVA) SmartOnline Modular 3-Phase Intelligent, True On-Line UPS System provides
100% system availability with N+1 modular architecture and 1+1 parallel capability. In an N+1 configuration, the
SU40K provides two self-contained, redundant 20kVA power modules that can be hot-swapped (with the load
powered) if maintenance is required. Connect two SU40K models in parallel (1+1 configuration) to provide
fail-safe redundancy (two 40kVA models supporting a 40kVA load) or to increase capacity (two 40kVA models
supporting an 80kVA load).
The SU40K provides mission-critical equipment with the highest level of power protection available. Large
capacity 40,000VA/32,000W UPS continually converts incoming AC power into filtered DC power, and then
resynthesizes it back into AC power with a pure sine wave. Perfectly regulated, continuous sine wave output with
zero transfer time assures compatibility with all equipment types. The SU40K's high input power factor, advanced
IGBT inverter technology and Digital Signal Processor (DSP) technology produce less than 3% input Total
Harmonic Distortion (THDi). With low THDi, generators run cooler and last longer, allowing managers to save installation costs by installing a generator with a
capacity equal to the equipment load (1:1 ratio). Extremely efficient operation (up to 96%) saves money by lowering electricity consumption. Hardwire input
and output connections support a variety of permanent or PDU-style power connections. The SU40K features 120/208V AC, 3-phase, 4-wire (plus ground),
wye input and output. It also features a wide input voltage correction range: 94-150/163-260V AC. Frequency is 50 or 60 Hz (auto-selectable). The SU40K
combines internal power and battery components in a single small-footprint tower module. Typical half-load/full-load runtimes are 13 min./5.5 min. Battery
runtime can be extended with optional stand-alone hardwired external battery modules (Models BP480V26B and BP480V40C with matching battery cabinets,
available separately). Additional battery cabinets for extended runtime solutions also available; contact Tripp Lite for more information. A manual bypass
breaker and an automatic bypass function ensure 100% availability of connected equipment by safely passing through AC power if the UPS requires
maintenance. A built-in RS-232 communication port works with included PowerAlert Software to provide shutdown commands and reporting on a single server.
An accessory slot accepts an optional internal SNMP card (Model SNMPWEBCARD) for remote shutdowns, reboots and more. Front panel combination
LCD/LED display alerts users to a variety of UPS operational modes and conditions. The LCD display includes a real-time event log screen with up to 500
events listed. A dynamic battery management screen optimizes battery function to lengthen service life and allows cold restart of the UPS during a prolonged
blackout to utilize its batteries for periodic system access or data retrieval. An Emergency Power Off button turns the UPS output OFF and disables Bypass
Highlights
40,000 VA (40kVA) tower UPS
with 2 hot-swappable power
modules
N+1 redundant modular
architecture helps assure 100%
availability
1+1 parallel capability allows for
system redundancy or increased
capacity
Low THDi saves installation costs
by permitting 1:1 generator sizing
3-phase hardwire
(120/208VAC)input/output. Wide
input voltage correction range
(94-150V AC/163-260V AC)
On-line, double-conversion
operation with zero transfer time;
IGBT technology; extremely
efficient operation (up to 96%)
Runtime is expandable via
external battery cabinet options
Package Includes
SU40K UPS System
PowerAlert Software and cabling
Parallel cable (for 1+1 operation)
Instruction manual and startup
checklist
Warranty information
1 / 5


Similar Part No. - SU40K

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU40KMBPKX TRIPPLITE-SU40KMBPKX Datasheet
505Kb / 2P
   3 Breaker Maintenance Bypass Panel for SU40KX
SU40KX TRIPPLITE-SU40KX Datasheet
506Kb / 5P
   SmartOnline 40kVA Modular 3-Phase UPS System,On-line Double-Conversion International UPS
More results

Similar Description - SU40K

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU40KX TRIPPLITE-SU40KX Datasheet
506Kb / 5P
   SmartOnline 40kVA Modular 3-Phase UPS System,On-line Double-Conversion International UPS
SU80KTV TRIPPLITE-SU80KTV Datasheet
500Kb / 5P
   SmartOnline 277-480V 3-Phase Wye 80kVA Modular 3-Phase UPS System, On-line Double-Conversion UPS for North America
SU60K TRIPPLITE-SU60K Datasheet
503Kb / 5P
   SmartOnline 120-208V 3-Phase Wye 60kVA Modular 3-Phase UPS System, On-line Double-Conversion UPS for North America
SU60KTV TRIPPLITE-SU60KTV Datasheet
503Kb / 5P
   SmartOnline 277-480V 3-Phase Wye 60kVA Modular 3-Phase UPS System, On-line Double-Conversion UPS for North America
SU80K TRIPPLITE-SU80K Datasheet
500Kb / 5P
   SmartOnline 120-208V 3-Phase Wye 80kVA Modular 3-Phase UPS System, On-line Double-Conversion UPS for North America
SU100KX2 TRIPPLITE-SU100KX2 Datasheet
502Kb / 5P
   SmartOnline 100kVA Modular 3-Phase UPS System,On-line Double-Conversion International UPS
SU120KX2 TRIPPLITE-SU120KX2 Datasheet
496Kb / 5P
   SmartOnline 120kVA Modular 3-Phase UPS System,On-line Double-Conversion International UPS
SU60KX TRIPPLITE-SU60KX Datasheet
506Kb / 5P
   SmartOnline 60kVA Modular 3-Phase UPS System,On-line Double-Conversion International UPS
SU80KX2 TRIPPLITE-SU80KX2 Datasheet
503Kb / 5P
   SmartOnline 80kVA Modular 3-Phase UPS System,On-line Double-Conversion International UPS (expandable to 120kVA)
SU20KX TRIPPLITE-SU20KX Datasheet
506Kb / 5P
   SmartOnline 20kVA 16kW Modular 3-Phase UPS System, On-line Double-Conversion UPS, SNMP,Webcard, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com