Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856884 Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # 856884
Description  707 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856884 Datasheet(HTML) 3 Page - TriQuint Semiconductor

  856884 Datasheet HTML 1Page - TriQuint Semiconductor 856884 Datasheet HTML 2Page - TriQuint Semiconductor 856884 Datasheet HTML 3Page - TriQuint Semiconductor 856884 Datasheet HTML 4Page - TriQuint Semiconductor 856884 Datasheet HTML 5Page - TriQuint Semiconductor 856884 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
856884
707 MHz SAW Filter
Data Sheet: Rev C 1/24/13
- 3 of 6 -
Disclaimer: Subject to change without notice e
© 2013 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Reference Design
Schematic
50 
Single-ended
Input
1,3,4,6
2
5
50
50
50 
Single-ended
Output
Notes:
1.
Actual matching values may vary due to PCB layout and parasitic
PC Board
Mounting Configuration
960700
.96
3.20 SQ
1.27
.38
.81
1.70
Notes:
Top, middle & bottom layers: 1 oz copper
Substrates: FR4 dielectric, .031” thick
Finish plating: Nickel: 3-8µm thick, Gold: .03-.2µm thick
Hole plating: Copper min .0008µm thick
Notes:
1.
All dimensions are in millimeters.
2.
This footprint represents a recommendation only.
Bill of Material
Reference Desg.
Value
Description
Manufacturer
Part Number
SMA
N/A
SMA connector
Radiall USA Inc.
9602-1111-018
PCB
N/A
3-layer
multiple
960700


Similar Part No. - 856884

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856880 TRIQUINT-856880 Datasheet
497Kb / 5P
   1880 MHz SAW Filter
856880 TRIQUINT-856880 Datasheet
387Kb / 6P
   1880 MHz SAW Filter
856880-EVB TRIQUINT-856880-EVB Datasheet
387Kb / 6P
   1880 MHz SAW Filter
856880 TRIQUINT-856880_15 Datasheet
387Kb / 6P
   1880 MHz SAW Filter
856882 TRIQUINT-856882 Datasheet
1Mb / 8P
   358.4 MHz SAW Filter
More results

Similar Description - 856884

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0987A TAI-SAW-TA0987A Datasheet
382Kb / 7P
   SAW Filter 707 MHz
TA0941A TAI-SAW-TA0941A Datasheet
393Kb / 6P
   SAW Filter 707 MHz
logo
RF Monolithics, Inc
SF2200E RFM-SF2200E Datasheet
832Kb / 5P
   707 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1015A TAI-SAW-TA1015A Datasheet
375Kb / 7P
   SAW Filter 707 MHz
TA1089A TAI-SAW-TA1089A Datasheet
399Kb / 6P
   SAW Filter 707 MHz
logo
Murata Manufacturing Co...
SF2200E MURATA-SF2200E Datasheet
832Kb / 5P
   707 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com