Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SU1000XLA Datasheet(PDF) 5 Page - Tripp Lite. All Rights Reserved

Part # SU1000XLA
Description  SmartOnline 100-120V 1kVA 800W On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SU1000XLA Datasheet(HTML) 5 Page - Tripp Lite. All Rights Reserved

  SU1000XLA_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SU1000XLA_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SU1000XLA_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SU1000XLA_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SU1000XLA_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
WatchDog Compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
LINE / BATTERY TRANSFER
Transfer Time
No transfer time (0 ms.) in online, double-conversion mode
Low Voltage Transfer to Battery
Power (Setpoint)
80V (100% load), 65V ( <70% load)
High Voltage Transfer to Battery
Power (Setpoint)
150
SPECIAL FEATURES
Cold Start (Startup in Battery Mode
During a Power Failure)
Cold-start operation supported
High Availability UPS Features
Automatic inverter bypass; Hot swappable batteries
Green Energy-Saving Features
High efficiency economy mode operation; Individually controllable load banks; Schedulable daily hours of economy
mode operation
CERTIFICATIONS
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); Meets FCC Part 15 Category B (EMI)
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$250,000 Ultimate Lifetime Insurance
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
5 / 5


Similar Part No. - SU1000XLA_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SU1000XLA ETC2-SU1000XLA Datasheet
523Kb / 7P
   SmartOnline 1kVA On-Line Double-Conversion UPS, Tower, 100/110/120V NEMA outlets
More results

Similar Description - SU1000XLA_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SU1000RTXL2UA TRIPPLITE-SU1000RTXL2UA_15 Datasheet
493Kb / 6P
   SmartOnline 100-120V 1kVA 800W On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
SUINT1000RTXL2UA TRIPPLITE-SUINT1000RTXL2UA Datasheet
492Kb / 5P
   SmartOnline 200-240V 1kVA 800W On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
SU1500XL TRIPPLITE-SU1500XL_15 Datasheet
521Kb / 5P
   SmartOnline 100-120V 1.5kVA 1.2kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
SU750XL TRIPPLITE-SU750XL_15 Datasheet
504Kb / 5P
   SmartOnline 100-120V 750VA 600W On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
SU3000XL TRIPPLITE-SU3000XL_15 Datasheet
531Kb / 5P
   SmartOnline 110-120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, Tower, USB, DB9 Serial
SU1000XLCD TRIPPLITE-SU1000XLCD Datasheet
545Kb / 6P
   SmartOnline 100-127V 1kVA 900W On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Tower, LCD display, USB, DB9 Serial
SU2200XLA TRIPPLITE-SU2200XLA Datasheet
515Kb / 5P
   SmartOnline 110-120V 2.2kVA 1.6kW On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, Tower, USB, DB9 Serial
SU1500RTXL2UA TRIPPLITE-SU1500RTXL2UA_15 Datasheet
493Kb / 5P
   SmartOnline 100-120V 1.5kVA 1.2kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 2U Rack/Tower,USB, DB9 Serial
SU750RTXL2U TRIPPLITE-SU750RTXL2U_15 Datasheet
492Kb / 5P
   SmartOnline 100-120V 750VA 600W On-Line Double-Conversion UPS, Extended Run, SNMP,Webcard, 2U Rack/Tower, USB, DB9 Serial
SU3000RTXL3U TRIPPLITE-SU3000RTXL3U_15 Datasheet
512Kb / 6P
   SmartOnline 120V 3kVA 2.4kW On-Line Double-Conversion UPS, Extended Run, SNMP, Webcard, 3U Rack/Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com