Selected language     English  â–Ľ


IRF7811W Datasheet(PDF) 4 Page - International Rectifier

Part No. IRF7811W
Description  Power MOSFET for DC-DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

   
 4 page
background image
IRF7811W
4
www.irf.com
Figure 7. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
0.1
1
10
100
0.00001
0.0001
0.001
0.01
0.1
1
10
Notes:
1. Duty factor D =
t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
Fig 6. Typical Source-Drain Diode
Forward Voltage
0.1
1
10
100
0.4
0.6
0.8
1.0
1.2
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 150 C
J
°
Fig 5. Typical Transfer Characteristics
0.1
1
10
100
2.5
3.0
3.5
4.0
4.5
5.0
V
= 15V
20µs PULSE WIDTH
DS
V
, Gate-to-Source Voltage (V)
GS
T = 25 C
J
°
T = 150 C
J
°




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRF7822Power MOSFET for DC-DC Converters 1 2 3 4 5 MoreInternational Rectifier
SP6122Low Voltage Micro 8 PFET Buck Controller Ideal for 1A to 5A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6123Low Voltage Synchronous Step-Down PWM Controller Ideal for 2A to 10A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
STB130NH02LN-CHANNEL 24V - 0.0034 Ω - 120A D²PAK/TO-220 STripFET™ III POWER MOSFET FOR DC-DC CONVERSION 1 2 3 4 5 MoreSTMicroelectronics
SP6128ALow Voltage Synchronous Step Down PWM Controller Ideal for 2A to 10A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6120Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
IRF7823PBFPower MOSFET Selection for Non-Isolated DC/DC Converters 1 2 3 4 5 MoreInternational Rectifier
STB120NH03LN-CHANNEL 30V - 0.005 W - 60A D2PAK STripFET III POWER MOSFET FOR DC-DC CONVERSION 1 2 3 4 5 MoreSTMicroelectronics
VUM24-05Power MOSFET Stage for Boost Converters 1 2 3 4 IXYS Corporation
IRLR8503HEXFET MOSFET for DC-DC Converters 1 2 3 4 5 MoreInternational Rectifier

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl