Electronic Components Datasheet Search
Selected language     English  ▼


IRF7811W Datasheet(PDF) 5 Page - International Rectifier

Part No. IRF7811W
Description  Power MOSFET for DC-DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

   
 5 page
background image
IRF7811W
www.irf.com
5
SO-8 Package Details
K x 45 °
C
8X
L
8X
θ
H
0.2 5 (.0 10 )
M
A M
A
0 .10 (.00 4)
B 8X
0 .25 (.01 0)
M C A S B S
- C -
6X
e
- B -
D
E
- A -
8
7
6
5
1
2
3
4
5
6
5
RE CO M M E NDE D F O O TP R IN T
0 .72 (.02 8 )
8X
1 .78 (.07 0)
8X
6.46 ( .255 )
1.27 ( .0 50 )
3X
DIM
IN C H E S
M IL LIM E T E R S
M IN
M A X
M IN
M A X
A
.0532
.0688
1 .35
1 .75
A 1
.0040
.0098
0 .10
0 .25
B
.014
.018
0 .36
0 .46
C
.0 075
.0 098
0 .19
0.25
D
.1 89
.1 96
4 .80
4.98
E
.150
.157
3 .81
3 .99
e
.050 B A S IC
1.2 7 B A S IC
e1
.025 B A S IC
0.6 35 B A S IC
H
.2 284
.2 440
5 .80
6.20
K
.011
.019
0 .28
0 .48
L
0 .16
.050
0 .41
1.27
θ
0 °
N O TES:
1 . DIM ENSIO NING AND TO L ERA NC IN G P ER AN S I Y1 4.5 M -198 2.
2 . CO NT RO L LIN G DIM ENSIO N : INCH.
3 . D IM EN SIO N S A RE SH O W N IN M ILLIM E TE R S (IN C HE S).
4 . O U T LIN E CO N F O RM S T O JED E C O U T LINE M S -0 12 AA .
DIM E NS IO N DO ES NO T INCLUDE M O LD PR O T RUS IO N S
M O LD P R O TR U SIO NS N O T T O EXCE ED 0 .2 5 (.00 6).
D IM E NS IO N S IS T H E LE N G TH O F L EA D F O R SO L DE R IN G TO A SU B ST RA T E..
5
6
A1
e1
θ
SO-8 Part Marking




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRF7822Power MOSFET for DC-DC Converters 1 2 3 4 5 MoreInternational Rectifier
SP6122Low Voltage Micro 8 PFET Buck Controller Ideal for 1A to 5A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6123Low Voltage Synchronous Step-Down PWM Controller Ideal for 2A to 10A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
STB130NH02LN-CHANNEL 24V - 0.0034 - 120A D²PAK/TO-220 STripFET™ III POWER MOSFET FOR DC-DC CONVERSION 1 2 3 4 5 MoreSTMicroelectronics
SP6128ALow Voltage Synchronous Step Down PWM Controller Ideal for 2A to 10A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6120Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
IRF7823PBFPower MOSFET Selection for Non-Isolated DC/DC Converters 1 2 3 4 5 MoreInternational Rectifier
STB120NH03LN-CHANNEL 30V - 0.005 W - 60A D2PAK STripFET III POWER MOSFET FOR DC-DC CONVERSION 1 2 3 4 5 MoreSTMicroelectronics
VUM24-05Power MOSFET Stage for Boost Converters 1 2 3 4 IXYS Corporation
IRLR8503HEXFET MOSFET for DC-DC Converters 1 2 3 4 5 MoreInternational Rectifier

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl