Selected language     English  â–Ľ


IRF7811W Datasheet(PDF) 6 Page - International Rectifier

Part No. IRF7811W
Description  Power MOSFET for DC-DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

   
 6 page
background image
IRF7811W
6
www.irf.com
330.00
(12.992)
MA X .
14.40 ( .566 )
12.40 ( .488 )
N O TES :
1 . C O NT ROL LIN G DIM E NS IO N : M ILL IM E T E R .
2 . OU TL IN E C O N F O R M S TO EIA-4 8 1 & EIA -5 4 1.
F E E D DIR E CT IO N
T E RM IN AL N U M B ER 1
12 .3 ( .4 8 4 )
11 .7 ( .4 6 1 )
8.1 ( .318 )
7.9 ( .312 )
N O T ES:
1 . C O NT R O L L ING DIM E NS IO N : M IL L IM ET E R .
2 . A L L DIM E NS IO NS A R E SH O W N I N M IL L IM E T E RS (IN C H E S).
3 . O U T L IN E C O N F O R M S T O EIA-4 8 1 & EIA-5 4 1 .
SO-8 Tape and Reel
Data and specifications subject to change without notice.
This product has been designed and qualified for the consumer market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 3/01




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRF7822Power MOSFET for DC-DC Converters 1 2 3 4 5 MoreInternational Rectifier
SP6122Low Voltage Micro 8 PFET Buck Controller Ideal for 1A to 5A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6123Low Voltage Synchronous Step-Down PWM Controller Ideal for 2A to 10A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
STB130NH02LN-CHANNEL 24V - 0.0034 Ω - 120A D²PAK/TO-220 STripFET™ III POWER MOSFET FOR DC-DC CONVERSION 1 2 3 4 5 MoreSTMicroelectronics
SP6128ALow Voltage Synchronous Step Down PWM Controller Ideal for 2A to 10A Small Footprint DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
SP6120Low Voltage AnyFETTM Synchronous Buck Controller Ideal for 2A to 10A High Performance DC-DC Power Converters 1 2 3 4 5 MoreSipex Corporation
IRF7823PBFPower MOSFET Selection for Non-Isolated DC/DC Converters 1 2 3 4 5 MoreInternational Rectifier
STB120NH03LN-CHANNEL 30V - 0.005 W - 60A D2PAK STripFET III POWER MOSFET FOR DC-DC CONVERSION 1 2 3 4 5 MoreSTMicroelectronics
VUM24-05Power MOSFET Stage for Boost Converters 1 2 3 4 IXYS Corporation
IRLR8503HEXFET MOSFET for DC-DC Converters 1 2 3 4 5 MoreInternational Rectifier

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl