Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856908 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # 856908
Description  836.5/881.5 MHz SAW Duplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856908 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  856908 Datasheet HTML 1Page - TriQuint Semiconductor 856908 Datasheet HTML 2Page - TriQuint Semiconductor 856908 Datasheet HTML 3Page - TriQuint Semiconductor 856908 Datasheet HTML 4Page - TriQuint Semiconductor 856908 Datasheet HTML 5Page - TriQuint Semiconductor 856908 Datasheet HTML 6Page - TriQuint Semiconductor 856908 Datasheet HTML 7Page - TriQuint Semiconductor 856908 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
856908
836.5/881.5 MHz SAW Duplexer
Data Sheet: Rev H 10/25/12
- 5 of 8 -
Disclaimer: Subject to change without notice e
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Typical Performance (at room temperature)


Similar Part No. - 856908

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856905 TRIQUINT-856905_15 Datasheet
445Kb / 5P
   921.5 MHz SAW Filter
856909 TRIQUINT-856909_15 Datasheet
542Kb / 5P
   1601.5 MHz SAW Filter
More results

Similar Description - 856908

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
856331 ETC2-856331 Datasheet
741Kb / 6P
   836.5/881.5 MHz SAW Duplexer
logo
RF Monolithics, Inc
SF1207D RFM-SF1207D Datasheet
796Kb / 7P
   836.5/881.5 MHz SAW Duplexer
logo
Murata Manufacturing Co...
SF1207D MURATA-SF1207D Datasheet
796Kb / 7P
   836.5/881.5 MHz SAW Duplexer
logo
SIPAT Co,Ltd
SPD014A SIPAT-SPD014A Datasheet
819Kb / 9P
   SAW Duplexer 836.5/881.5MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TF0123B TAI-SAW-TF0123B Datasheet
467Kb / 13P
   SAW DPX 836.5/881.5 MHz LTE Band 5 SMD 1814
TF0129D TAI-SAW-TF0129D Datasheet
460Kb / 14P
   SAW DPX 836.5/881.5 MHz Band 5 SMD 1.8X1.4 mm (BW=25 MHz)
TF0123AN TAI-SAW-TF0123AN Datasheet
336Kb / 12P
   SAW DPX 836.5/881.5 MHz LTE Band 5 SMD 1814 (25 MHz BW)
TF0129DA TAI-SAW-TF0129DA Datasheet
694Kb / 14P
   SAW DPX 836.5/881.5 MHz Band 5 SMD 1.8X1.4 mm (BW=25 MHz)
TF0123D TAI-SAW-TF0123D Datasheet
481Kb / 15P
   SAW DPX 836.5/881.5 MHz Band 5 SMD 1.8X1.4 mm (BW=25 MHz)
TF0129B TAI-SAW-TF0129B Datasheet
512Kb / 14P
   SAW DPX 836.5/881.5 MHz Band 5 SMD 1.8X1.4 mm (BW=25 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com