Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856930 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # 856930
Description  457.5 MHz SAW Filter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856930 Datasheet(HTML) 6 Page - TriQuint Semiconductor

  856930_15 Datasheet HTML 1Page - TriQuint Semiconductor 856930_15 Datasheet HTML 2Page - TriQuint Semiconductor 856930_15 Datasheet HTML 3Page - TriQuint Semiconductor 856930_15 Datasheet HTML 4Page - TriQuint Semiconductor 856930_15 Datasheet HTML 5Page - TriQuint Semiconductor 856930_15 Datasheet HTML 6Page - TriQuint Semiconductor 856930_15 Datasheet HTML 7Page - TriQuint Semiconductor 856930_15 Datasheet HTML 8Page - TriQuint Semiconductor 856930_15 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
856930
457.5 MHz SAW Filter
Data Sheet: Rev A 3/18/11
- 6 of 9 -
Disclaimer: Subject to change without notice e
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Reference
– Matched
Schematic
50
Input
1,3,4,
5,7,8
2
6
12pF
50
50
24nH
10pF
10nH
8.2pF
50
Output
Notes:
Actual matching values may vary due to PCB layout and parasitic
PC Board
Mounting Configuration
L1
L2
C1
C2
C3
.41
1.70
4.01
1.19
.81
1.19
.81
.46
Notes:
3-layer board - top, middle & bottom layer: 1 oz copper
Substrates: .031” thick FR4 dielectric.
Finish plating: Nickel: 3-8µm thick, Gold: .03-.2µm thick
Hole plating: Copper min .0008µm thick
Notes:
1.
All dimensions are in millimeters.
2.
This footprint represents a recommendation only.
Bill of Material
Reference Desg.
Value
Description
Manufacturer
Part Number
L1
24nH
Coil Wire-wound, 0402
MuRata
LQW15AN24NJ00
L2
10nH
Coil Wire-wound, 0402
MuRata
LQW15AN10NJ00
C1
12pF
Chip Ceramic, 0402
MuRata
GRM1555C1H120GZ01
C2
8.2pF
Chip Ceramic, 0402
MuRata
GRM1555C1H8R2FZ01
C3
10pF
Chip Ceramic, 0402
MuRata
GRM1555C1H100KZ01
SMA
N/A
SMA connector
Radiall USA Inc.
9602-1111-018
PCB
N/A
3-layer
multiple
960846


Similar Part No. - 856930_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856931 TRIQUINT-856931 Datasheet
748Kb / 9P
   710/740 MHz Duplexer
856931-EVB TRIQUINT-856931-EVB Datasheet
748Kb / 9P
   710/740 MHz Duplexer
856932 TRIQUINT-856932_15 Datasheet
572Kb / 8P
   847 MHz SAW Filter
856934 TRIQUINT-856934 Datasheet
361Kb / 6P
   1842.5 MHz SAW Filter
856934 TRIQUINT-856934 Datasheet
361Kb / 6P
   1842.5 MHz SAW Filter
More results

Similar Description - 856930_15

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1200A TAI-SAW-TA1200A Datasheet
338Kb / 6P
   SAW Filter 457.5 MHz
TE0129A TAI-SAW-TE0129A Datasheet
503Kb / 8P
   457.5 / 915 MHz SAW Diplexer
TA2556A TAI-SAW-TA2556A Datasheet
1Mb / 7P
   SAW Filter 457.5 MHz SMD 3.8횞3.8 mm (BW=15 MHz)
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com