Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7901D1 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7901D1
Description  Dual FETKY??Co-Packaged Dual MOSFET Plus Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7901D1 Datasheet(HTML) 2 Page - International Rectifier

  IRF7901D1 Datasheet HTML 1Page - International Rectifier IRF7901D1 Datasheet HTML 2Page - International Rectifier IRF7901D1 Datasheet HTML 3Page - International Rectifier IRF7901D1 Datasheet HTML 4Page - International Rectifier IRF7901D1 Datasheet HTML 5Page - International Rectifier IRF7901D1 Datasheet HTML 6Page - International Rectifier IRF7901D1 Datasheet HTML 7Page - International Rectifier IRF7901D1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.irf.com
2
IRF7901D1
Parameter
Min
Typ
Max
Min
Typ
Max Units
Conditions
Drain-to-Source
BV
DSS
30
30
V
V
GS = 0V, ID = 250µA
Breakdown Voltage*
Static Drain-Source
R
DS(on)
28
38
23
32
m
V
GS = 4.5V, ID = 5A‚
on Resistance*
Gate Threshold Voltage* V
GS(th)
1.0
1.0
V
V
DS = VGS, ID = 250µA
Drain-Source Leakage
I
DSS
30
30
µA
V
DS = 24V, VGS = 0
0.15
4.3
mA
V
DS = 24V, VGS = 0, TJ = 125°C
Gate-Source Leakage
I
GSS
±100
±100
nA
V
GS = ±20V
Current*
Total Gate Charge*
Q
G cont
7.6
10.5
15.5
21.0
V
GS = 5V, VDS = 16V, ID = 5A
Q
G synch
6.7
9.0
13.5
18.3
V
GS = 5V, VDS= 100mV, ID = 5A
Pre-Vth
Q
GS1
2.0
5.5
V
DS = 16V, ID = 5A
Gate-Source Charge
Post-Vth
Q
GS2
0.5
0.9
nC
Gate-Source Charge
Gate to Drain Charge
Q
GD
1.9
4.7
Switch Charge*
Q
sw
2.4
3.8
5.6
9.0
(Q
gs2 + Qgd)
Output Charge*
Q
oss
13.5
18.0
9.0
12.3
V
DS = 16V, VGS = 0
Gate Resistance
R
G
3.4
4.3
Input Capacitance
C
iss
780
1810
Output Capacitance
C
oss
430
310
pF
V
DS = 16V, VGS = 0, f = 1MHz
Transfer Capacitance
C
rss
30
110
Turn-On Delay Time
t
d(on)
7.2
10.4
V
DD = 16V, ID = 5A, VGS = 5V
Rise Time
t
r
13.8
16.4
ns
Clamped inductive load
Turn-Off Delay Time
t
d(off)
14.7
14.6
See test diagram Fig 17.
FallTime
t
f
–8––
5.2
Electrical Characteristics
Q1 - Control FET
Q2 - Synch FET
& Schottky
Source-Drain Ratings and Characteristics
Q1
Q2 &
parallel Schottky
Parameter
Min
Typ
Max
Min
Typ
Max Units
Conditions
Diode Forward
V
SD
0.7
1.0
0.48
0.52
V
I
S = 1A, VGS = 0V
Voltage*
k
Reverse Recovery
Q
rr
62.3
8.9
nC
dl/dt = 700A/us
Charge
V
DS = 16V, VGS = 0V, IS = 5A

Repetitive rating; pulse width limited by max. junction temperature.
‚
Pulse width
≤ 300 µs; duty cycle ≤ 2%.
ƒ
When mounted on 1 inch square copper board, t < 10 sec.
m
Combined Q1, Q2 I
RMS @ Pwr Vout pins. Calculated continuous
current based on maximum allowable junction temperature;
switching or other losses will decrease RMS current capability
…
When mounted on IRNBPS2 design kit. Measured as device T
J
to Pwr leads (V
in & Vout)
*
Devices are 100% tested to these parameters.


Similar Part No. - IRF7901D1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7901D1PBF IRF-IRF7901D1PBF Datasheet
428Kb / 9P
   Dual FETKY?
More results

Similar Description - IRF7901D1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7335D1 IRF-IRF7335D1 Datasheet
216Kb / 12P
   Dual FETKY CO-PACKAGED DUAL MOSFET PLUS SCHOTTKY DIODE
IRF7335D1PBF IRF-IRF7335D1PBF Datasheet
242Kb / 12P
   Dual FETKY Co-Packaged Dual MOSFET Plus Schottky Diode
IRF7321D2PBF IRF-IRF7321D2PBF Datasheet
208Kb / 8P
   FETKY MOSFET & Schottky Diode
IRF7326D2 IRF-IRF7326D2 Datasheet
116Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807D2PBF IRF-IRF7807D2PBF Datasheet
107Kb / 8P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7342D2PBF IRF-IRF7342D2PBF Datasheet
200Kb / 11P
   FETKY MOSFET & Schottky Diode
IRF7807VD1 IRF-IRF7807VD1 Datasheet
117Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
IRF7353D2 IRF-IRF7353D2 Datasheet
128Kb / 8P
   FETKY MOSFET / Schottky Diode
IRF7807VD2PBF IRF-IRF7807VD2PBF Datasheet
138Kb / 9P
   FETKY MOSFET / SCHOTTKY DIODE
IRF7807VD2 IRF-IRF7807VD2 Datasheet
115Kb / 9P
   FETKY??MOSFET / SCHOTTKY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com