Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856979 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # 856979
Description  806/847 MHz Duplexer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856979 Datasheet(HTML) 6 Page - TriQuint Semiconductor

  856979 Datasheet HTML 1Page - TriQuint Semiconductor 856979 Datasheet HTML 2Page - TriQuint Semiconductor 856979 Datasheet HTML 3Page - TriQuint Semiconductor 856979 Datasheet HTML 4Page - TriQuint Semiconductor 856979 Datasheet HTML 5Page - TriQuint Semiconductor 856979 Datasheet HTML 6Page - TriQuint Semiconductor 856979 Datasheet HTML 7Page - TriQuint Semiconductor 856979 Datasheet HTML 8Page - TriQuint Semiconductor 856979 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
856979
806/847 MHz Duplexer
Data Sheet: Rev D 09/28/2012
- 6 of 9 -
Disclaimer: Subject to change without notice e
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Rx -Typical Performance (at room temperature)


Similar Part No. - 856979

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856979 TRIQUINT-856979 Datasheet
793Kb / 9P
   806/847 MHz Duplexer
856979-EVB TRIQUINT-856979-EVB Datasheet
793Kb / 9P
   806/847 MHz Duplexer
More results

Similar Description - 856979

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856979 TRIQUINT-856979 Datasheet
793Kb / 9P
   806/847 MHz Duplexer
logo
Transko Electronics, In...
TD806AP2 TRANSKO-TD806AP2 Datasheet
382Kb / 5P
   LTE, SAW DUPLEXER For 806 MHz / 847 MHz
Revision 0: September 2010
TD806BP2 TRANSKO-TD806BP2 Datasheet
384Kb / 5P
   LTE, SAW DUPLEXER For 806 MHz / 847 MHz
Revision 1: April 2013
logo
TAI-SAW TECHNOLOGY CO.,...
TA1072A TAI-SAW-TA1072A Datasheet
419Kb / 8P
   SAW Filter 847 MHz
logo
RF Monolithics, Inc
SF2197E RFM-SF2197E Datasheet
798Kb / 5P
   847 MHz SAW Filter
logo
TriQuint Semiconductor
856932 TRIQUINT-856932_15 Datasheet
572Kb / 8P
   847 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1757B TAI-SAW-TA1757B Datasheet
693Kb / 9P
   SAW Filter 847 MHz
logo
Murata Manufacturing Co...
SF2197E MURATA-SF2197E Datasheet
798Kb / 5P
   847 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1299A TAI-SAW-TA1299A Datasheet
481Kb / 6P
   SAW Filter 806 MHz
TA1071A TAI-SAW-TA1071A Datasheet
413Kb / 7P
   SAW Filter 806 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com