Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

856980-EVB Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # 856980-EVB
Description  70 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856980-EVB Datasheet(HTML) 4 Page - TriQuint Semiconductor

  856980-EVB Datasheet HTML 1Page - TriQuint Semiconductor 856980-EVB Datasheet HTML 2Page - TriQuint Semiconductor 856980-EVB Datasheet HTML 3Page - TriQuint Semiconductor 856980-EVB Datasheet HTML 4Page - TriQuint Semiconductor 856980-EVB Datasheet HTML 5Page - TriQuint Semiconductor 856980-EVB Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
856980
70 MHz SAW Filter
Preliminary Data Sheet: Rev - 6/27/12
- 4 of 6 -
Disclaimer: Subject to change without notice
© 2012TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
Typical Performance (at room temperature)


Similar Part No. - 856980-EVB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8569 ETC2-8569 Datasheet
310Kb / 1P
   PHENOLIC INSTRUMENT CASES
logo
TriQuint Semiconductor
856905 TRIQUINT-856905_15 Datasheet
445Kb / 5P
   921.5 MHz SAW Filter
856908 TRIQUINT-856908 Datasheet
931Kb / 8P
   836.5/881.5 MHz SAW Duplexer
856908-EVB TRIQUINT-856908-EVB Datasheet
931Kb / 8P
   836.5/881.5 MHz SAW Duplexer
856908 TRIQUINT-856908_15 Datasheet
931Kb / 8P
   836.5/881.5 MHz SAW Duplexer
More results

Similar Description - 856980-EVB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855737 TRIQUINT-855737 Datasheet
578Kb / 5P
   70 MHz SAW Filter
855740 TRIQUINT-855740 Datasheet
622Kb / 5P
   70 MHz SAW Filter
854658 TRIQUINT-854658_15 Datasheet
578Kb / 5P
   70 MHz SAW Filter
855744 TRIQUINT-855744_15 Datasheet
459Kb / 5P
   70 MHz SAW Filter
855745 TRIQUINT-855745_15 Datasheet
667Kb / 5P
   70 MHz SAW Filter
854668 TRIQUINT-854668_15 Datasheet
449Kb / 6P
   70 MHz SAW Filter
854674 TRIQUINT-854674_15 Datasheet
559Kb / 5P
   70 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2227A MURATA-SF2227A Datasheet
542Kb / 5P
   70 MHz SAW Filter
logo
TriQuint Semiconductor
854657 TRIQUINT-854657_15 Datasheet
581Kb / 5P
   70 MHz SAW Filter
854659 TRIQUINT-854659_15 Datasheet
579Kb / 5P
   70 MHz SAW Filter
854655 TRIQUINT-854655_15 Datasheet
610Kb / 5P
   70 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com