Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

857143 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # 857143
Description  1176.45 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857143 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  857143_15 Datasheet HTML 1Page - TriQuint Semiconductor 857143_15 Datasheet HTML 2Page - TriQuint Semiconductor 857143_15 Datasheet HTML 3Page - TriQuint Semiconductor 857143_15 Datasheet HTML 4Page - TriQuint Semiconductor 857143_15 Datasheet HTML 5Page - TriQuint Semiconductor 857143_15 Datasheet HTML 6Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
857143
1176.45 MHz SAW Filter
Preliminary Data Sheet: Rev - 7/19/12
- 5 of 6 -
Disclaimer: Subject to change without notice e
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Mechanical Information
Package Information, Dimensions and Marking
0.46 NOM.
0.50 MAX.
0.325
1.20
0.25
0.50
1.25
1.40
0.25
0.90
JK
WWY
ID dot
Date code
code
Marking
Package Style: CSP-5BT
Dimensions: 1.40 x 1.20 x 0.46 mm
Body: Al2O3 ceramic
Lid: Kovar or Alloy 42, Au over Ni plated
Terminations: Au plating 0.5 - 1.0μm, over a 2-6μm Ni
plating
All dimensions shown are nominal in millimeters
All tolerances are ±0.15mm except overall length and width
±0.10mm
The date code consists of: WW = 2 digit week and Y = last
digit of year
Tape and Reel Information
Standard T/R size = 10000 units/reel. All dimensions are in millimeters
8.8
ID dot
2.0
Direction of travel
Ø330
Ø20.2
Ø13.0
Ø102
2.7
1.75
3.5
8.0
A
A
2.0
4.0
4.0
Ø1.0
Ø1.5
1.73
0.65
0.3
Section A-A
1.47


Similar Part No. - 857143_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857140 TRIQUINT-857140 Datasheet
360Kb / 6P
   1575.42 MHz SAW Filter
857140-EVB TRIQUINT-857140-EVB Datasheet
360Kb / 6P
   1575.42 MHz SAW Filter
857140 TRIQUINT-857140_15 Datasheet
360Kb / 6P
   1575.42 MHz SAW Filter
857141 TRIQUINT-857141 Datasheet
356Kb / 6P
   1227.6 MHz SAW Filter
857141-EVB TRIQUINT-857141-EVB Datasheet
356Kb / 6P
   1227.6 MHz SAW Filter
More results

Similar Description - 857143_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857144 TRIQUINT-857144_15 Datasheet
366Kb / 6P
   1176.45 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2304A TAI-SAW-TA2304A Datasheet
458Kb / 7P
   SAW Filter 1176.45 MHz
TA2493A TAI-SAW-TA2493A Datasheet
727Kb / 7P
   SAW Filter 1176.45 MHz SMD 3.0횞3.0mm
TA2493B TAI-SAW-TA2493B Datasheet
727Kb / 7P
   SAW Filter 1176.45 MHz (BW 20.44 MHz) SMD 3.0횞3.0mm
TA2543A TAI-SAW-TA2543A Datasheet
726Kb / 8P
   SAW Filter 1176.45 MHz SMD 1.1X0.9 mm (BW=20MHz)
TE0149A TAI-SAW-TE0149A Datasheet
498Kb / 11P
   SAW Diplexer 1176.45/1585.47 MHz BW 20.46/52.84
TE0149BA1524 TAI-SAW-TE0149BA1524 Datasheet
368Kb / 11P
   SAW Diplexer 1176.45/1585.47 MHz BW 20.46/52.84 SMD 1.5x1.1 mm
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com