Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

857163 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 857163
Description  1000 MHz SAW Non Dispersive Delay Line
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

857163 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  857163_15 Datasheet HTML 1Page - TriQuint Semiconductor 857163_15 Datasheet HTML 2Page - TriQuint Semiconductor 857163_15 Datasheet HTML 3Page - TriQuint Semiconductor 857163_15 Datasheet HTML 4Page - TriQuint Semiconductor 857163_15 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
857163
1000 MHz SAW Non Dispersive Delay Line
Preliminary Data Sheet: Rev - 6/28/12
- 1 of 5 -
Disclaimer: Subject to change without notice
© 2012TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
Applications
RADAR processing and simulation
EW receivers
Communication systems
Product Features
Functional Block Diagram
Top view
Usable bandwidth 350 MHz
Low amplitude variation
No matching required for 50 ohm environment
Single-ended operation
Kovar 4 pin flatpack
Small Size
Dimensions: 1 x 0.5 x 0.2 in.
General Description
Pin Configuration
The 857163 is a high-performance non-dispersive SAW
delay line with a center frequency of 1000 MHz and a
usable bandwidth of 350 MHz. It is suitable for a wide
variety of applications, including RADAR and EW
receivers.
It features wide bandwidth with excellent attenuation, and
is designed to be used with a single ended input and output.
Pin # SE
Description
1
Input
2
Input Return
3
Output
4
Output Return
Ordering Information
Part No.
Description
857163
packaged part
Pin 1
Pin 2
Pin 4
Pin 3


Similar Part No. - 857163_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857162 TRIQUINT-857162 Datasheet
391Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857162 TRIQUINT-857162_15 Datasheet
391Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857164 TRIQUINT-857164 Datasheet
395Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857164 TRIQUINT-857164_15 Datasheet
395Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857165 TRIQUINT-857165 Datasheet
395Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
More results

Similar Description - 857163_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
857164 TRIQUINT-857164_15 Datasheet
395Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857168 TRIQUINT-857168_15 Datasheet
398Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857167 TRIQUINT-857167_15 Datasheet
397Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857169 TRIQUINT-857169_15 Datasheet
398Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857162 TRIQUINT-857162_15 Datasheet
391Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857165 TRIQUINT-857165_15 Datasheet
395Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
857166 TRIQUINT-857166_15 Datasheet
396Kb / 5P
   1000 MHz SAW Non Dispersive Delay Line
logo
Microsemi Corporation
100865C MICROSEMI-100865C Datasheet
755Kb / 2P
   RD100-40-40U- 100 MHz Dispersive Delay Line 40 MHz Bandwidth
logo
TriQuint Semiconductor
856717 TRIQUINT-856717_15 Datasheet
413Kb / 5P
   1960 MHz SAW Delay Line
856649 TRIQUINT-856649_15 Datasheet
418Kb / 5P
   2140 MHz SAW Delay Line
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com