Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL10789EJ01V0DS Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PL10789EJ01V0DS
Description  1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PL10789EJ01V0DS Datasheet(HTML) 4 Page - Renesas Technology Corp

  PL10789EJ01V0DS Datasheet HTML 1Page - Renesas Technology Corp PL10789EJ01V0DS Datasheet HTML 2Page - Renesas Technology Corp PL10789EJ01V0DS Datasheet HTML 3Page - Renesas Technology Corp PL10789EJ01V0DS Datasheet HTML 4Page - Renesas Technology Corp PL10789EJ01V0DS Datasheet HTML 5Page - Renesas Technology Corp PL10789EJ01V0DS Datasheet HTML 6Page - Renesas Technology Corp PL10789EJ01V0DS Datasheet HTML 7Page - Renesas Technology Corp PL10789EJ01V0DS Datasheet HTML 8Page - Renesas Technology Corp PL10789EJ01V0DS Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Data Sheet PL10789EJ01V0DS
2
NX8315XC
PACKAGE DIMENSIONS (UNIT : mm)
BOTTOM VIEW
1
4
3
2
4
3
2
LD
PD
P.C.D
2.92±0.05
φ
4.17±0.1
φ
2.0
φ
4– 0.45
φ
5.6
φ
5.08±0.1
φ
3.4
φ
4.5
φ
4.0
φ
BOTTOM VIEW
1
4
3
2
PIN CONNECTIONS
1 (CASE)
4
3
2
LD
PD
OPTICAL
REFERENCE
PLANE


Similar Part No. - PL10789EJ01V0DS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PL10702EJ03V0DS RENESAS-PL10702EJ03V0DS Datasheet
206Kb / 10P
   ? 80 關m InGaAs AVALANCHE PHOTO DIODE MODULE FOR OTDR APPLICATIONS
PL10724EJ01V0DS RENESAS-PL10724EJ01V0DS Datasheet
201Kb / 9P
   ? 30 關m InGaAs AVALANCHE PHOTO DIODE 14-PIN DIP MODULE WITH TEC
PL10757EJ01V0DS RENESAS-PL10757EJ01V0DS Datasheet
216Kb / 10P
   1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE WITH MMF FOR OTDR APPLICATION
PL10790EJ01V0DS RENESAS-PL10790EJ01V0DS Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
More results

Similar Description - PL10789EJ01V0DS

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX8315XC CEL-NX8315XC Datasheet
194Kb / 6P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
NX8316XC RENESAS-NX8316XC Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8313UD RENESAS-NX8313UD_15 Datasheet
212Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8316XC RENESAS-NX8316XC_15 Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8313UD CEL-NX8313UD Datasheet
315Kb / 8P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
NX8315XC RENESAS-NX8315XC Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
California Eastern Labs
NX8316XC CEL-NX8316XC Datasheet
195Kb / 6P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
logo
Renesas Technology Corp
PL10790EJ01V0DS RENESAS-PL10790EJ01V0DS Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8315XC RENESAS-NX8315XC_15 Datasheet
219Kb / 9P
   1 310 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
NX8511UD RENESAS-NX8511UD_15 Datasheet
208Kb / 9P
   1 550 nm FOR LONG HAUL 2.5 Gb/s InGaAsP MQW-DFB LASER DIODE TOSA
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com