Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSMU2N50 Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # KSMU2N50
Description  500V N-CHANNEL MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

KSMU2N50 Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  KSMU2N50 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. KSMU2N50 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. KSMU2N50 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. KSMU2N50 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. KSMU2N50 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. KSMU2N50 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. KSMU2N50 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. KSMU2N50 Datasheet HTML 8Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
 
 
 
 
   
    

    !" # $%#&##'( # 
)*#+,-./0/Ω, 1 
,.200.2µ / 3/1 
"  !"  00µ 4%(%(  5
6 %   7   # 


 





C*
 C<* 
*,)*4,6()µ'
())


*
∆C*
5∆
C<* 
 
4,6()µ'+ 6(7

) 2A

*57
4
D9* 
*,())**,)*


%
µ'
*,2))*,%6(7


%)
µ'
4
9C/<
*,-)**,)*


%))
'
4
9C/<+!
*,-)**,)*


%))
'
 
*
9 * 
*,*4,6()µ'
- )

( )
*
+
  
+ 
*,%)*4,) A'

2 6
( -

   
*,()*4,) A'

% -


 

4  
*,6(**,)*
,% )E#


%A)
6-)


  

-)
2)


+!  

2
&

   

 
*,6()*4,6 %'
+,6(Ω


&
6)


+

6(
&)


 

%)
-)


 

6)
()

F
 9
*,2))*4,6 %'
*,%)*


& )
A )

F
9 

% -


F
9

- )


     
4
@ 


% &
'
4
@8  


& 2
'
*
 * 
*,)*4,% &'


% 2
*

+!+ !
*,)*4,6 %'
45,%))'5µ

%G(


F
+!+ !

) &G

µ
KSMD2N50 / KSMU2N50
2014-7-13
2
www.kersemi.com


Similar Part No. - KSMU2N50

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSMU2N100 KERSEMI-KSMU2N100 Datasheet
1Mb / 8P
   1000V N-Channel MOSFET
KSMU2N30 KERSEMI-KSMU2N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
KSMU2N40 KERSEMI-KSMU2N40 Datasheet
1Mb / 8P
   400V N-CHANNEL MOSFET
KSMU2N60 KERSEMI-KSMU2N60 Datasheet
1Mb / 8P
   600V N-Channel MOSFET
KSMU2N60C KERSEMI-KSMU2N60C Datasheet
2Mb / 8P
   600V N-Channel MOSFET
More results

Similar Description - KSMU2N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com