Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJH60D1DPP-E0 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJH60D1DPP-E0
Description  600V - 10A - IGBT Application: Inverter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60D1DPP-E0 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJH60D1DPP-E0_15 Datasheet HTML 1Page - Renesas Technology Corp RJH60D1DPP-E0_15 Datasheet HTML 2Page - Renesas Technology Corp RJH60D1DPP-E0_15 Datasheet HTML 3Page - Renesas Technology Corp RJH60D1DPP-E0_15 Datasheet HTML 4Page - Renesas Technology Corp RJH60D1DPP-E0_15 Datasheet HTML 5Page - Renesas Technology Corp RJH60D1DPP-E0_15 Datasheet HTML 6Page - Renesas Technology Corp RJH60D1DPP-E0_15 Datasheet HTML 7Page - Renesas Technology Corp RJH60D1DPP-E0_15 Datasheet HTML 8Page - Renesas Technology Corp RJH60D1DPP-E0_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RJH60D1DPP-E0
Preliminary
R07DS0893EJ0100 Rev.1.00
Page 4 of 9
Nov 01, 2012
4.0
3.0
2.0
3.5
2.5
1.5
1.0
−25
0
25
75
125
50
100
150
10 A
5 A
IC = 20 A
VGE = 15 V
Pulse Test
0
40
30
20
10
0
4
812
20
16
VCE = 10 V
Pulse Test
Tc = 25°C
150°C
10
8
6
4
2
0
Typical Transfer Characteristics
Gate to Emitter Voltage VGE (V)
Collector to Emitter Saturation Voltage
vs. Case Temparature (Typical)
Case Temparature Tc (°C)
Collector to Emitter Saturation Voltage
vs. Gate to Emitter Voltage (Typical)
Gate to Emitter Voltage VGE (V)
Collector to Emitter Saturation Voltage
vs. Gate to Emitter Voltage (Typical)
Gate to Emitter Voltage VGE (V)
Gate to Emitter Cutoff Voltage
vs. Case Temparature (Typical)
−25
0
25
75
125
50
100
150
VCE = 10 V
Pulse Test
Case Temparature Tc (°C)
1 mA
IC = 10 mA
5
4
3
2
1
0
Frequency Characteristics (Typical)
Frequency f (kHz)
1100
10
1000
Tj = 125°C, Tc = 90°C
VCE = 400 V, VGE = 15 V
Rg = 5
Ω, duty = 50%
0
Collector current wave
(Square wave)
1
3
2
4
5
4
812
20
16
Tc = 25°C
Pulse Test
IC = 20 A
10 A
5 A
1
3
2
4
5
4
812
20
16
Tc = 150°C
Pulse Test
IC = 20 A
10 A
5 A


Similar Part No. - RJH60D1DPP-E0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D1DPP-E0 RENESAS-RJH60D1DPP-E0 Datasheet
121Kb / 10P
   600V - 10A - IGBT Application: Inverter
Nov 01, 2012
More results

Similar Description - RJH60D1DPP-E0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60A83RDPE RENESAS-RJH60A83RDPE_15 Datasheet
112Kb / 9P
   600V - 10A - IGBT Application: Inverter
RJH60A83RDPP-M0 RENESAS-RJH60A83RDPP-M0_15 Datasheet
120Kb / 9P
   600V - 10A - IGBT Application: Inverter
RJH60A83RDPE RENESAS-RJH60A83RDPE Datasheet
111Kb / 9P
   600V - 10A - IGBT Application: Inverter
Jul 12, 2012
RJH60A83RDPD-A0 RENESAS-RJH60A83RDPD-A0 Datasheet
189Kb / 9P
   600V - 10A - IGBT Application: Inverter
RJH60D1DPE RENESAS-RJH60D1DPE_15 Datasheet
111Kb / 10P
   600V - 10A - IGBT Application: Inverter
RJH60D1DPP-M0 RENESAS-RJH60D1DPP-M0_15 Datasheet
107Kb / 10P
   600V - 10A - IGBT Application: Inverter
RJH60A83RDPP-M0 RENESAS-RJH60A83RDPP-M0 Datasheet
119Kb / 9P
   600V - 10A - IGBT Application: Inverter
Jul 12, 2012
RJH60D1DPP-E0 RENESAS-RJH60D1DPP-E0 Datasheet
121Kb / 10P
   600V - 10A - IGBT Application: Inverter
Nov 01, 2012
RJH60D2DPP-M0 RENESAS-RJH60D2DPP-M0_15 Datasheet
108Kb / 10P
   600V - 12A - IGBT Application: Inverter
RJH60D6DPQ-E0 RENESAS-RJH60D6DPQ-E0 Datasheet
108Kb / 10P
   600V - 40A - IGBT Application: Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com