Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJU3052SDPD-E0 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJU3052SDPD-E0
Description  360V - 20A - Single Diode Ultra Fast Recovery Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJU3052SDPD-E0 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJU3052SDPD-E0_15 Datasheet HTML 1Page - Renesas Technology Corp RJU3052SDPD-E0_15 Datasheet HTML 2Page - Renesas Technology Corp RJU3052SDPD-E0_15 Datasheet HTML 3Page - Renesas Technology Corp RJU3052SDPD-E0_15 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RJU3052SDPD-E0
Preliminary
R07DS0890EJ0100 Rev.1.00
Page 3 of 3
Oct 29, 2012
Package Dimensions
6.5 ± 0.3
(5.6 ± 0.5)
2.3 ± 0.2
0.55 ± 0.1
0.25 Max
0.55 ± 0.1
0.8 ± 0.1
(1.2)
2.29 ± 0.5
2.29 ± 0.5
(5.1)
Unit: mm
0.319g
MASS[Typ.]
PRSS0004ZJ-A
RENESAS Code
JEITA Package Code
Previous Code
Package Name
TO-252
Ordering Information
Orderable Part Number
Quantity
Shipping Container
RJU3052SDPD-E0#J2
3000 pcs
Taping


Similar Part No. - RJU3052SDPD-E0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJU3052SDPD-E0J2 RENESAS-RJU3052SDPD-E0J2 Datasheet
61Kb / 4P
   360V - 20A - Single Diode Ultra Fast Recovery Diode
More results

Similar Description - RJU3052SDPD-E0_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJU3052SDPD-E0 RENESAS-RJU3052SDPD-E0 Datasheet
61Kb / 4P
   360V - 20A - Single Diode Ultra Fast Recovery Diode
RJU36B1WDPF RENESAS-RJU36B1WDPF_15 Datasheet
63Kb / 4P
   360V - 20A - Dual Diode Ultra Fast Recovery Diode
RJU36B1WDPF RENESAS-RJU36B1WDPF Datasheet
131Kb / 4P
   360V - 20A - Dual Diode Ultra Fast Recovery Diode
Dec 06, 2013
RJU3051SDPE RENESAS-RJU3051SDPE_15 Datasheet
101Kb / 4P
   360V - 10A - Single Diode Ultra Fast Recovery Diode
RJU3051SDPE RENESAS-RJU3051SDPE Datasheet
101Kb / 4P
   360V - 10A - Single Diode Ultra Fast Recovery Diode
RJU36B2WDPF RENESAS-RJU36B2WDPF_15 Datasheet
64Kb / 4P
   360V - 40A - Dual Diode Ultra Fast Recovery Diode
RJU36B2WDPF RENESAS-RJU36B2WDPF Datasheet
130Kb / 4P
   360V - 40A - Dual Diode Ultra Fast Recovery Diode
Dec 06, 2013
RJU4351TDPP-EJ RENESAS-RJU4351TDPP-EJ Datasheet
62Kb / 4P
   Single Diode Ultra Fast Recovery Diode
RJU6052TDPP-EJ RENESAS-RJU6052TDPP-EJ Datasheet
87Kb / 4P
   Single Diode Ultra Fast Recovery Diode
RJU6053TDPP-EJ RENESAS-RJU6053TDPP-EJ_15 Datasheet
87Kb / 4P
   Single Diode Ultra Fast Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com