Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE3509M04 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # NE3509M04
Description  L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE3509M04 Datasheet(HTML) 5 Page - Renesas Technology Corp

  NE3509M04 Datasheet HTML 1Page - Renesas Technology Corp NE3509M04 Datasheet HTML 2Page - Renesas Technology Corp NE3509M04 Datasheet HTML 3Page - Renesas Technology Corp NE3509M04 Datasheet HTML 4Page - Renesas Technology Corp NE3509M04 Datasheet HTML 5Page - Renesas Technology Corp NE3509M04 Datasheet HTML 6Page - Renesas Technology Corp NE3509M04 Datasheet HTML 7Page - Renesas Technology Corp NE3509M04 Datasheet HTML 8Page - Renesas Technology Corp NE3509M04 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet PG10608EJ02V0DS
3
NE3509M04
TYPICAL CHARACTERISTICS (TA = +25
°C, unless otherwise specified)
Drain to Source Voltage VDS (V)
DRAIN TO SOURCE VOLTAGE
DRAIN CURRENT vs.
Drain Current ID (mA)
ASSOCIATED GAIN vs. DRAIN CURRENT
MINIMUM NOISE FIGURE,
vs. DRAIN TO SOURCE VOLTAGE
MINIMUM NOISE FIGURE, ASSOCIATED GAIN
Drain to Source Voltage VDS (V)
Ambient Temperature TA (
°C)
vs. AMBIENT TEMPERATURE
TOTAL POWER DISSIPATION
250
200
150
100
50
0
50
100
150
200
250
Mounted on Glass Epoxy PCB
(1.08 cm
2
× 1.0 mm (t) )
Gate to Source Voltage VGS (V)
DRAIN CURRENT vs.
GATE TO SOURCE VOLTAGE
Frequency f (GHz)
ASSOCIATED GAIN vs. FREQUENCY
MINIMUM NOISE FIGURE,
VDS = 2 V
50
45
40
35
30
25
20
15
10
5
0
–1.0
–0.8
–0.6
–0.4
–0.2
0
2.0
1.2
1.4
1.6
1.8
0.6
0.8
1.0
0.2
0.4
0.0
20
6
8
10
12
14
18
4
2
16
0
0
5
10
15
NFmin
Ga
VDS = 2 V
ID = 10 mA
100
20
40
60
80
0
12345
VGS = 0 V
0.2 V
0.3 V
0.1 V
0.4 V
0.5 V
10
020
40
30
f = 2.0 GHz
VDS = 2 V
2.0
1.2
1.4
1.6
1.8
0.6
0.8
1.0
0.2
0.4
0.0
20
12
14
16
18
6
8
10
2
4
0
NFmin
Ga
3.0
1.0
1.5
2.0
2.5
3.5
2.0
1.2
1.4
1.6
1.8
0.6
0.8
1.0
0.2
0.4
0.0
20
12
14
16
18
6
8
10
2
4
0
NFmin
Ga
f = 2.0 GHz, ID = 10 mA
Remark The graphs indicate nominal characteristics.


Similar Part No. - NE3509M04

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M04 CEL-NE3509M04 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M04-A CEL-NE3509M04-A Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M04-T2 CEL-NE3509M04-T2 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M04-T2 CEL-NE3509M04-T2 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Similar Description - NE3509M04

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE38018 NEC-NE38018 Datasheet
94Kb / 16P
   L to S BAND LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M14 RENESAS-NE3509M14_15 Datasheet
219Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
NE3509M14 RENESAS-NE3509M14 Datasheet
208Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
NE3519M04 RENESAS-NE3519M04 Datasheet
226Kb / 13P
   N-channel GaAs HJ-FET, L to C Band Low Noise Amplifier
logo
NEC
NE33284A NEC-NE33284A Datasheet
62Kb / 10P
   L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com