Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE3508M04-T2B Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # NE3508M04-T2B
Description  L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE3508M04-T2B Datasheet(HTML) 4 Page - Renesas Technology Corp

  NE3508M04-T2B Datasheet HTML 1Page - Renesas Technology Corp NE3508M04-T2B Datasheet HTML 2Page - Renesas Technology Corp NE3508M04-T2B Datasheet HTML 3Page - Renesas Technology Corp NE3508M04-T2B Datasheet HTML 4Page - Renesas Technology Corp NE3508M04-T2B Datasheet HTML 5Page - Renesas Technology Corp NE3508M04-T2B Datasheet HTML 6Page - Renesas Technology Corp NE3508M04-T2B Datasheet HTML 7Page - Renesas Technology Corp NE3508M04-T2B Datasheet HTML 8Page - Renesas Technology Corp NE3508M04-T2B Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet PG10586EJ02V0DS
2
NE3508M04
RECOMMENDED OPERATING CONDITIONS (TA = +25
°C)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Drain to Source Voltage
VDS
2
3
V
Drain Current
ID
10
30
mA
Input Power
Pin
0
dBm
ELECTRICAL CHARACTERISTICS (TA = +25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Gate to Source Leak Current
IGSO
VGS =
−3 V
1
20
μA
Saturated Drain Current
IDSS
VDS = 2 V, VGS = 0 V
60
90
120
mA
Gate to Source Cutoff Voltage
VGS (off)
VDS = 2 V, ID = 100
μA
−0.25
−0.5
−0.75
V
Transconductance
gm
VDS = 2 V, ID = 10 mA
100
mS
Noise Figure
NF
VDS = 2 V, ID = 10 mA, f = 2 GHz
0.45
0.7
dB
Associated Gain
Ga
12
14
dB
Gain 1 dB Compression
PO (1 dB)
VDS = 3 V, ID = 30 mA (Non-RF),
18
dBm
Output Power
f = 2 GHz


Similar Part No. - NE3508M04-T2B

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE3508M04-T2 CEL-NE3508M04-T2 Datasheet
1Mb / 11P
   HETERO JUNCTION FIELD EFFECT TRANSISITOR
NE3508M04-T2-A CEL-NE3508M04-T2-A Datasheet
1Mb / 11P
   HETERO JUNCTION FIELD EFFECT TRANSISITOR
More results

Similar Description - NE3508M04-T2B

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04_06 Datasheet
284Kb / 9P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE38018 NEC-NE38018 Datasheet
94Kb / 16P
   L to S BAND LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M14 RENESAS-NE3509M14_15 Datasheet
219Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
NE3509M14 RENESAS-NE3509M14 Datasheet
208Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
NE3519M04 RENESAS-NE3519M04 Datasheet
226Kb / 13P
   N-channel GaAs HJ-FET, L to C Band Low Noise Amplifier
logo
NEC
NE33284A NEC-NE33284A Datasheet
62Kb / 10P
   L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com