Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16602 Datasheet(PDF) 11 Page - NEC

Part # UPD16602
Description  312-OUTPUT TFT-LCD FULL COLOR DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16602 Datasheet(HTML) 11 Page - NEC

Back Button UPD16602 Datasheet HTML 7Page - NEC UPD16602 Datasheet HTML 8Page - NEC UPD16602 Datasheet HTML 9Page - NEC UPD16602 Datasheet HTML 10Page - NEC UPD16602 Datasheet HTML 11Page - NEC UPD16602 Datasheet HTML 12Page - NEC UPD16602 Datasheet HTML 13Page - NEC UPD16602 Datasheet HTML 14Page - NEC UPD16602 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
µµµµPD16602
6. ELECTRIC SPECIFICATION
ABSOLUTE MAXIMUM RATINGS (TA
==== 25°C, VSS(D), (A), (C) ==== 0 V)
Item
Symbol
Rating
Unit
Logic supply voltage
VDD1
–0.5 to +6.5
V
Logic input voltage
VIN
–0.5 to VDD1 +0.5
V
Logic output voltage
VO1
–0.5 to VDD1 +0.5
V
Driver supply voltage
VDD2 (D), (A)
–0.5 to +15
V
Display signal input voltage
VIN (A)
–0.5 to VDD2 +0.5
V
Driver output voltage
VO2
–0.5 to VDD2 +0.5
V
Driver output current
IO2
±10
mA
Operating temperature range
TA
–10 to +75
°C
Storage temperature range
Tstg
–40 to +125
°C
RECOMMENDED OPERATING RANGE (TA
==== –10 to 75°C, VSS ==== 0 V)
Item
Symbol
MIN.
TYP.
MAX.
Unit
Logic supply voltage
VDD1
3.0
3.3
3.6
V
High-level input voltage
VIH
0.7 VDD1
V
Low-level input voltage
VIL
0.3 VDD1
V
Driver supply voltage
VDD2
11.0
12.5
13.5
V
Display signal input
VIN (A)
VSS +0.5
VDD2 –0.5
V
Driver output voltage
VO
VSS +0.5
VDD2 –0.5
V
Bias current
IBIAS1, 2
100
µ A
VBIAS1
VSS +4.5
VSS +5.0
VSS +5.5
V
Bias voltage
VBIAS2
VDD2 –7.5
VDD2 –7.0
VDD2 –6.5
V


Similar Part No. - UPD16602

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16602 RENESAS-UPD16602 Datasheet
231Kb / 18P
   MOS INTEGRATED CIRCUIT
1998
UPD166020T1F RENESAS-UPD166020T1F Datasheet
383Kb / 25P
   MOS INTEGRATED CIRCUIT
UPD166020T1F-E1-AY RENESAS-UPD166020T1F-E1-AY Datasheet
383Kb / 25P
   MOS INTEGRATED CIRCUIT
UPD166021T1F RENESAS-UPD166021T1F Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
UPD166021T1F-E1-AY RENESAS-UPD166021T1F-E1-AY Datasheet
382Kb / 25P
   MOS INTEGRATED CIRCUIT
More results

Similar Description - UPD16602

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD16602 RENESAS-PD16602_15 Datasheet
232Kb / 18P
   312-OUTPUT TFT-LCD FULL COLOR DRIVER
logo
Crystalfontz America, I...
CFAF800480C1-050T CRYSTAIFONTZ-CFAF800480C1-050T Datasheet
1Mb / 19P
   FULL COLOR TFT LCD MODULE
logo
NEC
UPD16633B NEC-UPD16633B Datasheet
108Kb / 20P
   312 OUTPUT TFT-LCD SORCE DRIVER COMPATIBLE WITH 64 GRAY SCALES
logo
Purdy Electronics Corpo...
AND-TFT-104TS PURDY-AND-TFT-104TS Datasheet
1,008Kb / 15P
   color TFT-LCD
logo
Renesas Technology Corp
PD16781 RENESAS-PD16781_15 Datasheet
237Kb / 18P
   480 OUTPUT TFT-LCD SOURCE DRIVER
logo
NEC
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040B NEC-UPD160040B Datasheet
156Kb / 19P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061 NEC-UPD160061 Datasheet
230Kb / 18P
   384-OUTPUT TFT-LCD SOURCE DRIVER
UPD16781 NEC-UPD16781 Datasheet
115Kb / 16P
   480 OUTPUT TFT-LCD SOURCE DRIVER
UPD16655 NEC-UPD16655 Datasheet
71Kb / 12P
   240-OUTPUT TFT-LCD GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com