Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FYD-4021GX-13 Datasheet(PDF) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYD-4021GX-13
Description  0.40Inch (10.20mm) digit height Double Digits Display
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYD-4021GX-13 Datasheet(HTML) 4 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYD-4021GX-13 Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-4021GX-13 Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-4021GX-13 Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-4021GX-13 Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYD-4021GX-13 Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Model No.
Rev.
Min
5
-40
-40
■ Electrical-Optical Characteristics
Color Code & Chip Characteristics:(Test Condition:IF=20mA)
Typ
H
Red
90nm
2.00
S
Hi Red
20nm
1.80
D
Super Red
20nm
1.90
E
Orange
35nm
1.90
A
Amber
35nm
1.90
Y
Yellow
35nm
1.90
G
Green
10nm
1.90
3.40
2.80
2.80
PG Pure Green
36nm
2.80
W
White
CCT:9500K
2.80
UHR Ultra Hi Red
20nm
1.90
UR Ultra Red
20nm
1.90
UE Ultra Orange
20nm
1.90
UA Ultra Amber
AlGaInP
20nm
1.90
2.50
UY Ultra Yellow
AlGaInP
20nm
1.90
2.50
UG Ultra Green
AlGaInP
30nm
1.90
2.50
PG Ultra Pure Green
InGaN
36nm
2.80
3.80
BG Ultra Bluish Green InGaN
36nm
2.80
3.80
30nm
2.80
30nm
2.80
UW Ultra White
CCT:9500K
2.80
Note:
1.Luminous Intensity is based on the Foryard standards.
2.Pay attention about static for InGaN
Page: 4/5
Segment-to-Segment Luminous Intensity ratio(Iv-M)
1.5:1
610nm
Ultra Blue
3.80
InGaN
640nm
Http://www.foryard.com
AlGaInP
460nm
520nm
InGaN
50~140~190
635nm
3.80
570nm
InGaN
Ultra brightness
X=0.29,Y=0.30
470nm
B
Blue
InGaN
X=0.29,Y=0.30
430nm
26~38
13~18
0.7~1(mw)
60~120
20-30
30~60
14~20
60~100
6~12(mw)
13~18
14~18
3.80
40~100~150
+85
Unit
mA
InGaN
AlGaInP
AlGaInP
625nm
2.50
2.50
60nm
3.80
3.80
4.40
6~12(mw)
4~6(mw)
GaAsP
GaAsP
Emitting Color
Dice
Material
150
2.50
AlGaAs/DH
650nm
2.50
Tstr
660nm
700nm
GaP
625nm
GaAsP
Pulse Current
Ipeak
Duty=0.1mS,1KHz
Forward Current
IF
Reverse Voltage
Max
Test Condition
VR
IR=30
Model No.:
:FYD-4021G/HX-XX
Symbol
Parameter
Value
■ Absolute maximum ratings
(Ta=25℃)
2.50
2.50
Standard brightness
2.50
mA
mW
Operating Temperature
30
Peak Wave
Length(λP)
Spectral
Line
halfwidth(∆
λ1/2)
Forward
Voltage(VF) Unit:V
FYD-4021G/HX-XX
A
Luminous
Intensity
(Iv)
Unit:mcd
Power Dissipation
260~310
80~90~120
590nm
+85
Storage Temperature
Topr
Max
UB
460nm
2.50
2.50
GaP
570nm
590nm
2.50
610nm
180~200
100
V
Pd
3.80
470nm
505nm
30~60~80
520nm
3.80
80~90~120
260~310
15~20
1
AlGaAs/SH
(Ta=25℃)


Similar Part No. - FYD-4021GX-13

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYD-4021GX-1 FORYARD-FYD-4021GX-1 Datasheet
343Kb / 4P
   LED DIGIT DISPLAY
More results

Similar Description - FYD-4021GX-13

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYD-4021EX-00 FORYARD-FYD-4021EX-00 Datasheet
338Kb / 5P
   0.40Inch (10.20mm) digit height Double Digits Display
FYD-4021IX-00 FORYARD-FYD-4021IX-00 Datasheet
343Kb / 5P
   0.40Inch (10.20mm) digit height Double Digits Display
FYD-4021AX-00 FORYARD-FYD-4021AX-00 Datasheet
343Kb / 5P
   0.40Inch (10.20mm) digit height Double Digits Display
FYD-4021CX-00 FORYARD-FYD-4021CX-00 Datasheet
343Kb / 5P
   0.40Inch (10.20mm) digit height Double Digits Display
FYT-4031CX-00 FORYARD-FYT-4031CX-00 Datasheet
480Kb / 5P
   0.40 Inch (10.20mm) digit height Three Digits Display
FYT-4031IX-00 FORYARD-FYT-4031IX-00 Datasheet
472Kb / 5P
   0.40 Inch (10.20mm) digit height Three Digits Display
FYT-4031GX-00 FORYARD-FYT-4031GX-00 Datasheet
468Kb / 5P
   0.40 Inch (10.20mm) digit height Three Digits Display
FYT-4031EX-00 FORYARD-FYT-4031EX-00 Datasheet
487Kb / 5P
   0.40 Inch (10.20mm) digit height Three Digits Display
FYT-4031KX-00 FORYARD-FYT-4031KX-00 Datasheet
484Kb / 5P
   0.40 Inch (10.20mm) digit height Three Digits Display
FYT-4031AX-00 FORYARD-FYT-4031AX-00 Datasheet
477Kb / 5P
   0.40 Inch (10.20mm) digit height Three Digits Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com